Electronic Components Datasheet Search
  English  ▼

X  

8345 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 8345
Description  Inline Block IO module for sercos
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8345 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 8345 Datasheet HTML 16Page - PHOENIX CONTACT 8345 Datasheet HTML 17Page - PHOENIX CONTACT 8345 Datasheet HTML 18Page - PHOENIX CONTACT 8345 Datasheet HTML 19Page - PHOENIX CONTACT 8345 Datasheet HTML 20Page - PHOENIX CONTACT 8345 Datasheet HTML 21Page - PHOENIX CONTACT 8345 Datasheet HTML 22Page - PHOENIX CONTACT 8345 Datasheet HTML 23Page - PHOENIX CONTACT 8345 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
ILB S3 24 DI8 DO4 AO2 INC-IN2
8345_en_01
PHOENIX CONTACT
20
S-0-0359.0.0
Positioning deceleration
0x220001
--
S-0-0390.0.0
Diagnostic Number
0x70320001
S-0-0393.0.0
Command value mode
0x10001
S-0-0400.0.0
Home switch
0x10001
S-0-0405.0.0
Probe 1 enable
0x10001
S-0-0406.0.0
Probe 2 enable
0x10001
S-0-0409.0.0
Probe 1 positive latched
0x110001
S-0-0410.0.0
Probe 1 negative latched
0x110001
S-0-0411.0.0
Probe 2 positive latched
0x110001
S-0-0412.0.0
Probe 2 negative latched
0x110001
S-0-0415.0.0
Bit number allocation of real-time status bit 1
0x110001
0
63
S-0-0416.0.0
Bit number allocation of real-time status bit 2
0x110001
0
63
S-0-0417.0.0
Positioning velocity threshold in modulo mode
0x1120001
rpm
S-0-0418.0.0
Target position window in modulo mode
0x6120001
deg
S-0-0426.0.0
Measuring data allocation 1
0x520001
S-0-0427.0.0
Measuring data allocation 2
0x520001
S-0-0428.0.0
IDN list of configurable measuring data
0x70560001
S-0-0430.0.0
Active target position
0x6220001
deg
S-0-0437.0.0
Positioning status
0x10001
S-0-0440.0.0
Marker position feedback 1
0x6220001
deg
S-0-0441.0.0
Marker position feedback 2
0x6220001
deg
S-0-0442.0.0
Counter marker position feedback 1
0x110001
S-0-0443.0.0
Counter marker position feedback 2
0x110001
S-0-1000.0.0
SCP Type & Version
0x70350001
0x0201
0x0301
0x0401
0x0501
0x0A01
S-0-1002.0.0
Cycle time (tScyc)
0x63120001
ns
250000
65000000
S-0-1003.0.0
Allowed MST losses in CP3/CP4
0x60120001
S-0-1005.0.0
Minimum feedback processing time (t5)
0x73120001
ns
S-0-1006.0.0
AT transmission starting time (t1)
0x63120001
ns
0
65000000
S-0-1007.0.0
Feedback acquisition capture point (t4)
0x63120001
ns
0
65000000
S-0-1008.0.0
Command value valid time (t3)
0x63120001
ns
0
65000000
S-0-1009.0.0
Device Control
0x60310001
S-0-1010.0.0
Lengths of MDT
0x60150001
S-0-1011.0.0
Device Status offset in AT
0x60310001
S-0-1012.0.0
Lengths of ATs
0x60150001
S-0-1013.0.0
SVC offset in MDT
0x60310001
S-0-1014.0.0
SVC offset in AT
0x63310001
S-0-1015.0.0
Ring delay
0x3120001
ns
1048575
S-0-1016.0.0
Slave delay (P/S)
0x73160001
ns
S-0-1017.0.0
NRC transmission time
0x63160001
ns
S-0-1019.0.0
MAC address
0x70340001
00-60-34-xx-xx-xx
S-0-1020.0.0
IP address
0x140001
149.208.18.209
S-0-1021.0.0
Subnet mask
0x140001
255.255.0.0
S-0-1022.0.0
Gateway address
0x140001
0.0.0.0
S-0-1023.0.0
SYNC jitter
0x63120001
ns
63750
S-0-1024.0.0
SYNC delay measuring procedure command
0x90001
0
0
S-0-1026.0.0
Version of communication hardware
0x70440001
S-0-1027.0.1
Maximum transmission unit sent within the NRT channel
0x60110001
46
1500
S-0-1027.0.2
Maximum transm
0x70110001
46
1500
S-0-1028.0.0
Error counter MST P/S
0x110001
IDN
Name
Attributes
Default value
Unit
Mini-
mum
Maxi-
mum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com