Electronic Components Datasheet Search
  English  ▼

X  

8345 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 8345
Description  Inline Block IO module for sercos
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8345 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 8345 Datasheet HTML 17Page - PHOENIX CONTACT 8345 Datasheet HTML 18Page - PHOENIX CONTACT 8345 Datasheet HTML 19Page - PHOENIX CONTACT 8345 Datasheet HTML 20Page - PHOENIX CONTACT 8345 Datasheet HTML 21Page - PHOENIX CONTACT 8345 Datasheet HTML 22Page - PHOENIX CONTACT 8345 Datasheet HTML 23Page - PHOENIX CONTACT 8345 Datasheet HTML 24Page - PHOENIX CONTACT 8345 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ILB S3 24 DI8 DO4 AO2 INC-IN2
8345_en_01
PHOENIX CONTACT
21
S-0-1035.0.0
Error counter Port1 & Port2
0x320001
S-0-1040.0.0
sercos address
0x110001
55
0
511
S-0-1041.0.0
AT Command value valid time (t9)
0x63120001
µs
0
65000000
S-0-1044.0.0
Device Control
0x70310001
S-0-1045.0.0
Device Status
0x70310001
S-0-1046.0.0
List of sercos addresses in device
0x70150001
S-0-1050.0.1
Configuration of The Connection
0x60310001
S-0-1050.0.2
Connection Number
0x60110001
0
65535
S-0-1050.0.3
Telegram Assignment
0x60310001
S-0-1050.0.4
Max. Length of Connection
0x70110001
2
1484
S-0-1050.0.5
Actual Length of Connection
0x70110001
S-0-1050.0.6
Configuration List
0x60560001
S-0-1050.0.8
Connection Control (C-Con)
0x10001
S-0-1050.0.10
Producer Cycle Time
0x63120001
ns
1000000
65000000
S-0-1050.0.11
Allowed Data Losses
0x60110001
1
65535
S-0-1050.0.12
Error Counter Data Losses
0x70110001
S-0-1050.0.20
IDN allocation of real-time bit
0x560001
S-0-1050.0.21
Bit allocation of real-time bit
0x150001
S-0-1050.1.1
Configuration Of The Connection
0x60310001
S-0-1050.1.2
Connection Number
0x60110001
0
65535
S-0-1050.1.3
Telegram Assignment
0x60310001
S-0-1050.1.4
Max. Length of Connection
0x70110001
2
1484
S-0-1050.1.5
Actual Length of Connection
0x70110001
S-0-1050.1.6
Configuration List
0x60560001
S-0-1050.1.8
Connection Control (C-Con)
0x10001
S-0-1050.1.10
Producer Cycle Time
0x63120001
ns
1000000
65000000
S-0-1050.1.11
Allowed Data Losses
0x60110001
1
65535
S-0-1050.1.12
Error Counter Data Losses
0x70110001
S-0-1050.1.20
IDN allocation of real-time bit
0x560001
S-0-1050.1.21
Bit allocation of real-time bit
0x150001
S-0-1050.2.1
Configuration of the Connection
0x60310001
S-0-1050.2.2
Connection Number
0x60110001
0
65535
S-0-1050.2.3
Telegram Assignment
0x60310001
S-0-1050.2.4
Max. Length of Connection
0x70110001
2
1484
S-0-1050.2.5
Actual Length of Connection
0x70110001
S-0-1050.2.6
Configuration List
0x60560001
S-0-1050.2.8
Connection Control (C-Con)
0x10001
S-0-1050.2.10
Producer Cycle Time
0x63120001
ns
1000000
65000000
S-0-1050.2.11
Allowed Data Losses
0x60110001
1
65535
S-0-1050.2.12
Error Counter Data Losses
0x70110001
S-0-1050.2.20
IDN allocation of real-time bit
0x560001
S-0-1050.2.21
Bit allocation of real-time bit
0x150001
S-0-1050.3.1
Configuration of the Connection
0x60310001
S-0-1050.3.2
Connection Number
0x60110001
0
65535
S-0-1050.3.3
Telegram Assignment
0x60310001
S-0-1050.3.4
Max. Length of Connection
0x70110001
2
1484
S-0-1050.3.5
Actual Length of Connection
0x70110001
S-0-1050.3.6
Configuration List
0x60560001
S-0-1050.3.8
Connection Control (C-Con)
0x10001
S-0-1050.3.10
Producer Cycle Time
0x63120001
ns
1000000
65000000
S-0-1050.3.11
Allowed Data Losses
0x60110001
1
65535
S-0-1050.3.12
Error Counter Data Losses
0x70110001
IDN
Name
Attributes
Default value
Unit
Mini-
mum
Maxi-
mum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com