Electronic Components Datasheet Search
  English  ▼

X  

8553 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 8553
Description  AXL E ETH DI8 DO4 2A M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8553 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 8553 Datasheet HTML 5Page - PHOENIX CONTACT 8553 Datasheet HTML 6Page - PHOENIX CONTACT 8553 Datasheet HTML 7Page - PHOENIX CONTACT 8553 Datasheet HTML 8Page - PHOENIX CONTACT 8553 Datasheet HTML 9Page - PHOENIX CONTACT 8553 Datasheet HTML 10Page - PHOENIX CONTACT 8553 Datasheet HTML 11Page - PHOENIX CONTACT 8553 Datasheet HTML 12Page - PHOENIX CONTACT 8553 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6P
8553_en_03
PHOENIX CONTACT
9
6.4
Connecting inputs and outputs
Figure 5
Input and output connections
6.5
Pin assignment of the inputs and outputs
Figure 6
Pin assignment of the inputs and outputs,
A-coded
Designation
Meaning
DI1 ... DI8 (X01 ... X04)
Inputs 1 ... 8
DO1 ... DO4 (X05 ... X08)
Outputs 1 ... 4
Pin
Input socket
Output socket
1
+24 V DC (U
S)Not used
2
Input 2, 4, 6, 8
Not used
3GND
GND
4
Input 1, 3, 5, 7
Output 1, 2, 3, 4
5FE
FE
X01, X03, X05, X07
2
3
4
5
1
X02, X04, X06, X08
2
3
4
5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com