Electronic Components Datasheet Search
  English  ▼

X  

8553 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 8553
Description  AXL E ETH DI8 DO4 2A M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8553 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 8553 Datasheet HTML 14Page - PHOENIX CONTACT 8553 Datasheet HTML 15Page - PHOENIX CONTACT 8553 Datasheet HTML 16Page - PHOENIX CONTACT 8553 Datasheet HTML 17Page - PHOENIX CONTACT 8553 Datasheet HTML 18Page - PHOENIX CONTACT 8553 Datasheet HTML 19Page - PHOENIX CONTACT 8553 Datasheet HTML 20Page - PHOENIX CONTACT 8553 Datasheet HTML 21Page - PHOENIX CONTACT 8553 Datasheet HTML 22Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
AXL E ETH DI8 DO4 2A M12 6P
8553_en_03
PHOENIX CONTACT
19
13.10
Status register (7996)
13.11
Diagnostic status register (7997)
13.12
Diagnostic parameter register (7998)
This register sends the fault location (channel number) to
where the fault has occurred. The fault location is sent in
group format.
Bit
Code
(hex)
Meaning
0
0001
1
An error occurred (e.g., a bit in the di-
agnostic register is set). For additional
information, please refer to register
2004.
0
No error
1
0002
1
A Net Fail occurred, active substitute
values. For additional information,
please refer to register 2004.
0
No error
2
0004
Reserved
3
0008
Reserved
4
0010
Reserved
5
0020
Reserved
6
0040
Reserved
7
0080
Reserved
8
0100
Reserved
9
0200
Reserved
10
0400
Reserved
11
0800
Reserved
12
1000
Reserved
13
2000
Reserved
14
4000
Reserved
15
8000
Reserved
Bit
Code
(hex)
Meaning
0
0001
Short circuit or overload of outputs, for addi-
tional information please refer to register
7998.
1
0002
Reserved
2
0004
Undervoltage of sensor supply
3
0008
Surge voltage of sensor supply
4
0010
Short circuit or overload of the sensor sup-
ply
5
0020
Reserved
6
0040
Undervoltage of actuator supply
7
0080
Surge voltage of actuator supply
8
0100
Short circuit or overload of the actuator
supply
9
0200
Reserved
10
0400
Overtemperature of the device
11
0800
Reserved
12
1000
Reserved
13
2000
Reserved
14
4000
Reserved
15
8000
Reserved
Code (hex)
Meaning
0000
A short circuit has not occurred.
0001
Short circuit at one output or several
outputs 1 ... 4
0002
Reserved
0003
Reserved
0004
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com