Electronic Components Datasheet Search
  English  ▼

X  

AD5752 Datasheet(PDF) 26 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD5752 Datasheet HTML 22Page - Analog Devices AD5752 Datasheet HTML 23Page - Analog Devices AD5752 Datasheet HTML 24Page - Analog Devices AD5752 Datasheet HTML 25Page - Analog Devices AD5752 Datasheet HTML 26Page - Analog Devices AD5752 Datasheet HTML 27Page - Analog Devices AD5752 Datasheet HTML 28Page - Analog Devices AD5752 Datasheet HTML 29Page - Analog Devices AD5752 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
AD5722/AD5732/AD5752
Data Sheet
Rev. F | Page 26 of 31
CONTROL REGISTER
The control register is addressed by setting the three REG bits to 011. The value written to the address and data bits determines the
control function selected. The control register options are shown in Table 23 and Table 24.
Table 23. Programming the Control Register
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to DB4
DB3
DB2
DB1
DB0
0
0
0
1
1
0
0
0
NOP, data = don’t care
0
0
0
1
1
0
0
1
Don’t care
TSD enable
Clamp enable
CLR select
SDO disable
0
0
0
1
1
1
0
0
Clear, data = don’t care
0
0
0
1
1
1
0
1
Load, data = don’t care
Table 24. Explanation of Control Register Options
Option
Description
NOP
No operation instruction used in readback operations.
Clear
Addressing this function sets the DAC registers to the clear code and updates the outputs.
Load
Addressing this function updates the DAC registers and, consequently, the DAC outputs.
SDO Disable
Set by the user to disable the SDO output. Cleared by the user to enable the SDO output (default).
CLR Select
See Table 25 for a description of the CLR select operation.
Clamp Enable
Set by the user to enable the current-limit clamp. The channel does not power down upon detection of an overcurrent; the
current is clamped at 20 mA (default).
Cleared by the user to disable the current-limit clamp. The channel powers down upon detection of an overcurrent.
TSD Enable
Set by the user to enable the thermal shutdown feature. Cleared by the user to disable the thermal shutdown feature (default).
Table 25. CLR Select Options
Output CLR Value
CLR Select Setting
Unipolar Output Range
Bipolar Output Range
0
0 V
0 V
1
Midscale
Negative full-scale
POWER CONTROL REGISTER
The power control register is addressed by setting the three REG bits to 010. This register allows the user to control and determine the
power and thermal status of the AD5722/AD5732/AD5752. The power control register options are shown in Table 26 and Table 27.
Table 26. Programming the Power Control Register
MSB
LSB
R/W
Zero
REG2
REG1
REG0
A2
A1
A0
DB15 to
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
1
0
0
0
0
X
0
OCB
X
OCA
X
TSD
X
X
PUB
X
PUA
Table 27. Power Control Register Functions
Option
Description
PUA
DAC A power-up. When set, this bit places DAC A in normal operating mode. When cleared, this bit places DAC A in power-down
mode (default). After setting this bit to power DAC A, a power-up time of 10 μs is required. During this power-up time, the DAC
register should not be loaded to the DAC output (see the Load DAC (LDAC) section). If the clamp enable bit of the control register
is cleared, DAC A powers down automatically on detection of an overcurrent, and PUA is cleared to reflect this.
PUB
DAC B power-up. When set, this bit places DAC B in normal operating mode. When cleared, this bit places DAC B in power-down
mode (default). After setting this bit to power DAC B, a power-up time of 10 μs is required. During this power-up time, the DAC
register should not be loaded to the DAC output (see the Load DAC (LDAC) section). If the clamp enable bit of the control register
is cleared, DAC B powers down automatically on detection of an overcurrent, and PUB is cleared to reflect this.
TSD
Thermal shutdown alert (read-only bit). In the event of an overtemperature situation, both DACs are powered down and this bit is set.
OCA
DAC A overcurrent alert (read-only bit). In the event of an overcurrent situation on DAC A, this bit is set.
OCB
DAC B overcurrent alert (read-only bit). In the event of an overcurrent situation on DAC B, this bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com