Electronic Components Datasheet Search
  English  ▼

X  

AD5752 Datasheet(PDF) 28 Page - Analog Devices

Part # AD5752
Description  Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5752 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD5752 Datasheet HTML 23Page - Analog Devices AD5752 Datasheet HTML 24Page - Analog Devices AD5752 Datasheet HTML 25Page - Analog Devices AD5752 Datasheet HTML 26Page - Analog Devices AD5752 Datasheet HTML 27Page - Analog Devices AD5752 Datasheet HTML 28Page - Analog Devices AD5752 Datasheet HTML 29Page - Analog Devices AD5752 Datasheet HTML 30Page - Analog Devices AD5752 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
AD5722/AD5732/AD5752
Data Sheet
Rev. F | Page 28 of 31
APPLICATIONS INFORMATION
+5 V/±5 V OPERATION
When operating from a single +5 V supply or a dual ±5 V supply,
an output range of +5 V or ±5 V is not achievable because suffi-
cient headroom for the output amplifier is not available. In this
situation, a reduced reference voltage can be used. For example,
a 2 V reference voltage produces an output range of +4 V or ±4 V,
and the 1 V of headroom is more than enough for full operation.
A standard value voltage reference of 2.048 V can be used to
produce output ranges of +4.096 V and ±4.096 V.
ALTERNATIVE POWER-UP SEQUENCE SUPPORT
There may be cases where it is not possible to use the
recommended power-up sequence, and in those instances an
external circuit shown in Figure 43 is recommended to be used.
The circuit shown in Figure 43 ensures that the digital block is
powered up first, prior to the analog block, by using a load
switch circuit. This circuit targets applications for which either
AVDD or AVSS or both supplies power up before DVCC.
Consider the following design rules when choosing the
component values for the AVDD delay circuit.
R1 ensures that the Q1 gate to source voltage is zero when
DVCC is in an open state. R1 also prevents false turn on of
Q1. However, if DVCC is permanently connected to the
source, R1 can be removed to conserve power.
Select Q1 (N-channel MOSFET) with a VGS threshold that
is much lower than the minimum operating DVCC and a
VDS rating much lower than the maximum operating AVDD.
C1, R2, and R3 are the main components that dictates the
delay from DVCC enable to AVDD. Adjust the values
according for the desired delay. Choose R2 and R3 values
that ensure Q2 turn on.
EQ
GS
DELAY
V
V
R
R
C
t
1
ln
)
||
(
)
sec
(
2
3
1
where
2
3
3
R
R
R
AV
V
DD
EQ
Q2 (P-channel MOSFET) acts as a switch that allows the flow
of current from VIN to AVDD; therefore, choosing a MOSFET
with very low RDSON is necessary to minimize losses during
operation. Other parameters such as maximum VDS rating,
maximum drain to source current rating, VGS threshold
voltage, and maximum gate to source voltage rating must
also be taken into consideration when choosing Q2.
C1
VIN
AVDD
DVCC
LOAD SWITCH
SECTION
CONTROL
SECTION
R3
R2
Q1
Q2
R1
+
Figure 43. Load Switch Control Circuit
Figure 44 shows an example of the analog supplies powering up
before the digital supply. The circuit delays the AVDD power up
until after DVCC, as shown by the AVDD (delayed) line.
AVDD
AVSS
DVCC
AVDD (DELAYED)
t (sec)
Figure 44. Delayed Power Supplies Sequence Example
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5722/AD5732/AD5752 are mounted should be designed so
that the analog and digital sections are separated and confined
to certain areas of the board. If the AD5722/AD5732/AD5752
are in a system where multiple devices require an AGND-to-
DGND connection, the connection should be made at one
point only. The star ground point should be established as close
as possible to the device.
The AD5722/AD5732/AD5752 should have ample supply bypass-
ing of a 10 μF capacitor in parallel with a 0.1 μF capacitor on
each supply located as close to the package as possible, ideally
right up against the device. The 10 μF capacitor is the tantalum
bead type. The 0.1 μF capacitor should have low effective series
resistance (ESR) and low effective series inductance (ESI) such
as the common ceramic types, which provide a low impedance
path to ground at high frequencies to handle transient currents
due to internal logic switching.
The power supply lines of the AD5722/AD5732/AD5752 should
use as large a trace as possible to provide low impedance paths
and reduce the effects of glitches on the power supply line. Fast
switching signals, such as a data clock, should be shielded with
digital ground to avoid radiating noise to other parts of the
board, and they should never be run near the reference inputs.
A ground line routed between the SDIN and SCLK lines helps
reduce crosstalk between them (this is not required on a
multilayer board that has a separate ground plane, but separating
the lines does help). It is essential to minimize noise on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com