Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC2630
Description  Single 12-/10-/8-Bit Rail-to- Rail DACs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2630 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC2630 Datasheet HTML 9Page - Analog Devices LTC2630 Datasheet HTML 10Page - Analog Devices LTC2630 Datasheet HTML 11Page - Analog Devices LTC2630 Datasheet HTML 12Page - Analog Devices LTC2630 Datasheet HTML 13Page - Analog Devices LTC2630 Datasheet HTML 14Page - Analog Devices LTC2630 Datasheet HTML 15Page - Analog Devices LTC2630 Datasheet HTML 16Page - Analog Devices LTC2630 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC2630
13
2630fg
For more information www.linear.com/LTC2630
TIMING DIAGRAM
The LTC2630 is a family of single voltage output DACs in
6-lead SC70 packages. Each DAC can operate rail-to-rail
referenced to the input supply, or with its full-scale voltage
set by an integrated reference. Twelve combinations of
accuracy (12-, 10-, and 8-bit), power-on reset value (zero
or mid-scale), and full-scale voltage (2.5V or 4.096V) are
available. The LTC2630 is controlled using a 3-wire SPI/
MICROWIRE compatible interface.
Power-On Reset
The LTC2630-HZ/-LZ clear the output to zero scale when
power is first applied, making system initialization con-
sistent and repeatable.
For some applications, downstream circuits are active
during DAC power-up, and may be sensitive to nonzero
outputs from the DAC during this time. The LTC2630 con-
tains circuitry to reduce the power-on glitch: the analog
output typically rises less than 5mV above zero scale dur-
ing power on if the power supply is ramped to 5V in 1ms
or more. In general, the glitch amplitude decreases as
the power supply ramp time is increased. See “Power-On
Reset Glitch” in the Typical Performance Characteristics
section.
The LTC2630-HM/-LM provide an alternative reset, set-
ting the output to mid-scale when power is first applied.
SDI
CS/LD
SCK
t2
t10
t5
t7
t6
t1
t3
t4
1
2
3
23
24
2630 F01
OPERATION
Transfer Function
The digital-to-analog transfer function is
VOUT(IDEAL) =
k
2N
⎛
⎝
⎜
⎞
⎠
⎟VREF
where k is the decimal equivalent of the binary DAC
input code, N is the resolution, and VREF is either 2.5V
(LTC2630-L) or 4.096V (LTC2630-H) in internal ref-
erence mode, and VCC in Supply as reference mode.
Table 1. Command Codes
Command*
C3 C2 C1 C0
0
0
0
0
Write to Input Register
0
0
0
1
Update (Power up) DAC Register
0
0
1
1
Write to and Update (Power up) DAC Register
0
1
0
0
Power down
0
1
1
0
Select Internal Reference (Power-on Reset Default)
0
1
1
1
Select Supply as Reference (VREF = VCC)
*Command codes not shown are reserved and should not be used.
Figure 1. Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com