Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC2630
Description  Single 12-/10-/8-Bit Rail-to- Rail DACs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2630 Datasheet(HTML) 3 Page - Analog Devices

  LTC2630 Datasheet HTML 1Page - Analog Devices LTC2630 Datasheet HTML 2Page - Analog Devices LTC2630 Datasheet HTML 3Page - Analog Devices LTC2630 Datasheet HTML 4Page - Analog Devices LTC2630 Datasheet HTML 5Page - Analog Devices LTC2630 Datasheet HTML 6Page - Analog Devices LTC2630 Datasheet HTML 7Page - Analog Devices LTC2630 Datasheet HTML 8Page - Analog Devices LTC2630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC2630
3
2630fg
For more information www.linear.com/LTC2630
PRODUCT SELECTION GUIDE
PART NUMBER
PART MARKING* VFS WITH INTERNAL REFERENCE POWER-ON RESET TO CODE RESOLUTION
VCC
MAXIMUM INL
LTC2630A-LM12
LTC2630A-LZ12
LTC2630A-HM12
LTC2630A-HZ12
LCZB
LCSB
LCWR
LCZC
2.5V
• (4095/4096)
2.5V
• (4095/4096)
4.096V
• (4095/4096)
4.096V
• (4095/4096)
Mid-Scale
Zero
Mid-Scale
Zero
12-Bit
12-Bit
12-Bit
12-Bit
2.7V–5.5V
2.7V–5.5V
4.5V–5.5V
4.5V–5.5V
±1LSB
±1LSB
±1LSB
±1LSB
LTC2630-LM12
LTC2630-LM10
LTC2630-LM8
LCZB
LCZF
LCYW
2.5V
• (4095/4096)
2.5V
• (1023/1024)
2.5V
• (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
12-Bit
10-Bit
8-Bit
2.7V–5.5V
2.7V–5.5V
2.7V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-LZ12
LTC2630-LZ10
LTC2630-LZ8
LCSB
LCZD
LCYV
2.5V
• (4095/4096)
2.5V
• (1023/1024)
2.5V
• (255/256)
Zero
Zero
Zero
12-Bit
10-Bit
8-Bit
2.7V–5.5V
2.7V–5.5V
2.7V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-HM12
LTC2630-HM10
LTC2630-HM8
LCWR
LCZH
LCYY
4.096V
• (4095/4096)
4.096V
• (1023/1024)
4.096V
• (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
12-Bit
10-Bit
8-Bit
4.5V–5.5V
4.5V–5.5V
4.5V–5.5V
±2LSB
±1LSB
±0.5LSB
LTC2630-HZ12
LTC2630-HZ10
LTC2630-HZ8
LCZC
LCZG
LCYX
4.096V
• (4095/4096)
4.096V
• (1023/1024)
4.096V
• (255/256)
Zero
Zero
Zero
12-Bit
10-Bit
8-Bit
4.5V–5.5V
4.5V–5.5V
4.5V–5.5V
±2LSB
±1LSB
±0.5LSB
*The temperature grade is identified by a label on the shipping container.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com