Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC2630
Description  Single 12-/10-/8-Bit Rail-to- Rail DACs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2630 Datasheet(HTML) 2 Page - Analog Devices

  LTC2630 Datasheet HTML 1Page - Analog Devices LTC2630 Datasheet HTML 2Page - Analog Devices LTC2630 Datasheet HTML 3Page - Analog Devices LTC2630 Datasheet HTML 4Page - Analog Devices LTC2630 Datasheet HTML 5Page - Analog Devices LTC2630 Datasheet HTML 6Page - Analog Devices LTC2630 Datasheet HTML 7Page - Analog Devices LTC2630 Datasheet HTML 8Page - Analog Devices LTC2630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LTC2630
2
2630fg
For more information www.linear.com/LTC2630
CS/LD 1
SCK 2
SDI 3
6 VOUT
5 GND
4 VCC
TOP VIEW
SC6 PACKAGE
6-LEAD PLASTIC SC70
TJMAX = 150°C (Note 5), θJA = 300°C/W
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
CS/LD, SCK, SDI .......................................... –0.3V to 6V
VOUT..................................–0.3V to min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2630C................................................ 0°C to 70°C
LTC2630I .............................................–40°C to 85°C
LTC2630H..........................................–40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Notes 1, 2)
ORDER INFORMATION
PIN CONFIGURATION
LTC2630 A
C
SC6 –L
M
12
#TRM PBF
LEAD FREE DESIGNATOR
TAPE AND REEL
TR = 2,500-Piece Tape and Reel
TRM = 500-Piece Tape and Reel
RESOLUTION
12 = 12-Bit
10 = 10-Bit
8 = 8-Bit
POWER-ON RESET
M = Reset to Mid-Scale
Z = Reset to Zero-Scale
FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE
L = 2.5V
H = 4.096V
PACKAGE TYPE
SC6 = 6-Lead SC70
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
H = Automotive Temperature Range (–40°C to 125°C)
ELECTRICAL GRADE (OPTIONAL)
A = ±1 LSB Maximum INL (12-Bit)
PRODUCT PART NUMBER
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC2630#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com