Electronic Components Datasheet Search
  English  ▼

X  

LTC2630 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC2630
Description  Single 12-/10-/8-Bit Rail-to- Rail DACs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2630 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC2630 Datasheet HTML 14Page - Analog Devices LTC2630 Datasheet HTML 15Page - Analog Devices LTC2630 Datasheet HTML 16Page - Analog Devices LTC2630 Datasheet HTML 17Page - Analog Devices LTC2630 Datasheet HTML 18Page - Analog Devices LTC2630 Datasheet HTML 19Page - Analog Devices LTC2630 Datasheet HTML 20Page - Analog Devices LTC2630 Datasheet HTML 21Page - Analog Devices LTC2630 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
LTC2630
22
2630fg
For more information www.linear.com/LTC2630
 LINEAR TECHNOLOGY CORPORATION 2007
LT 0617 REV G • PRINTED IN USA
www.linear.com/LTC2630
RELATED PARTS
TYPICAL APPLICATION
SDI
SCK
CS/LD
1µF
1µF
Q1
2N3440
RS
10Ω
IOUT
VLOOP
5.4V TO 80V
VCC
VOUT
FROM
OPTO-
ISOLATED
INPUTS
LTC2630-HZ
2630 TA02
3.01k
10k
1000PF
–
+
+
LTC2054
1k
ROFFSET
374k
0.1%
RGAIN
76.8k
0.1%
OPTO-ISOLATORS
500Ω
5V
10k
4N28
SDI
SCK
CS/LD
SDI
SCK
CS/LD
IN
OUT
SHDN
SENSE
GND
LT3010-5
Figure 5. An Opto-Isolated 4mA to 20mA Process Controller
PART NUMBER
DESCRIPTION
COMMENTS
LTC1660/LTC1665
Octal 10-/8-Bit VOUT DACs in 16-Pin Narrow SSOP VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1663
Single 10-Bit VOUT DAC in SOT-23
VCC = 2.7V to 5.5V, 60µA, Internal reference, SMBus Interface
LTC1664
Quad 10-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1669
Single 10-Bit VOUT DAC in SOT-23
VCC = 2.7V to 5.5V, 60µA, Internal reference, I2C Interface
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2µs for 10V Step
LTC2600/LTC2610/LTC2620 Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2601/LTC2611/LTC2621 Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN
300µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2602/LTC2612/LTC2622 Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP
300µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2604/LTC2614/LTC2624 Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250µA per DAC, 2.5V to 5.5V Supply Range, Rail-to-Rail Output,
SPI Serial Interface
LTC2631
Single 12-/10-/8-Bit I2C VOUT DACs with
10ppm/°C Reference in ThinSOT
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
Selectable External Ref. Mode, Rail-to-Rail Output, I2C Interface
LTC2640
Single 12-/10-/8-Bit SPI VOUT DACs with
10ppm/°C Reference in ThinSOT
180µA per DAC, 2.7V to 5.5V Supply Range, 10ppm/°C Reference,
Selectable External Ref. Mode, Rail-to-Rail Output, SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com