Electronic Components Datasheet Search
  English  ▼

X  

FPD33584 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button FPD33584 Datasheet HTML 7Page - National Semiconductor (TI) FPD33584 Datasheet HTML 8Page - National Semiconductor (TI) FPD33584 Datasheet HTML 9Page - National Semiconductor (TI) FPD33584 Datasheet HTML 10Page - National Semiconductor (TI) FPD33584 Datasheet HTML 11Page - National Semiconductor (TI) FPD33584 Datasheet HTML 12Page - National Semiconductor (TI) FPD33584 Datasheet HTML 13Page - National Semiconductor (TI) FPD33584 Datasheet HTML 14Page - National Semiconductor (TI) FPD33584 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Functional Description (Continued)
Data
Output Voltage (gamma A)
Data
Output Voltage (gamma A)
00
H
VL0
VGMA10
20
H
VL32
VGMA8
01
H
VL1
VGMA9−(VGMA9−VGMA10)x
4049/5879
21
H
VL33
VGMA7−(VGMA7−VGMA8)x
2588/2692
02
H
VL2
VGMA9−(VGMA9−VGMA10)x
3022/5879
22
H
VL34
VGMA7−(VGMA7−VGMA8)x
2484/2692
03
H
VL3
VGMA9−(VGMA9−VGMA10)x
2293/5879
23
H
VL35
VGMA7−(VGMA7−VGMA8)x
2380/2692
04
H
VL4
VGMA9−(VGMA9−VGMA10)x
1668/5879
24
H
VL36
VGMA7−(VGMA7−VGMA8)x
2276/2692
05
H
VL5
VGMA9−(VGMA9−VGMA10)x
1147/5879
25
H
VL37
VGMA7−(VGMA7−VGMA8)x
2172/2692
06
H
VL6
VGMA9−(VGMA9−VGMA10)x
730/5879
26
H
VL38
VGMA7−(VGMA7−VGMA8)x
2068/2692
07
H
VL7
VGMA9−(VGMA9−VGMA10)x
313/5879
27
H
VL39
VGMA7−(VGMA7−VGMA8)x
1964/2692
08
H
VL8
GMA9
28
H
VL40
VGMA7−(VGMA7−VGMA8)x
1860/2692
09
H
VL9
VGMA8−(VGMA8−VGMA9)x
2825/3138
29
H
VL41
VGMA7−(VGMA7−VGMA8)x
1756/2692
0A
H
VL10
VGMA8−(VGMA8−VGMA9)x
2617/3138
2A
H
VL42
VGMA7−(VGMA7−VGMA8)x
1652/2692
0B
H
VL11
VGMA8−(VGMA8−VGMA9)x
2409/3138
2B
H
VL43
VGMA7−(VGMA7−VGMA8)x
1548/2692
0C
H
VL12
VGMA8−(VGMA8−VGMA9)x
2260/3138
2C
H
VL44
VGMA7−(VGMA7−VGMA8)x
1429/2692
0D
H
VL13
VGMA8−(VGMA8−VGMA9)x
2111/3138
2D
H
VL45
VGMA7−(VGMA7−VGMA8)x
1310/2692
0E
H
VL14
VGMA8−(VGMA8−VGMA9)x
1977/3138
2E
H
VL46
VGMA7−(VGMA7−VGMA8)x
1191/2692
0F
H
VL15
VGMA8−(VGMA8−VGMA9)x
1843/3138
2F
H
VL47
VGMA7−(VGMA7−VGMA8)x
1072/2692
10
H
VL16
VGMA8−(VGMA8−VGMA9)x
1724/3138
30
H
VL48
VGMA7−(VGMA7−VGMA8)x
953/2692
11
H
VL17
VGMA8−(VGMA8−VGMA9)x
1605/3138
31
H
VL49
VGMA7−(VGMA7−VGMA8)x
834/2692
12
H
VL18
VGMA8−(VGMA8−VGMA9)x
1486/3138
32
H
VL50
VGMA7−(VGMA7−VGMA8)x
715/2692
13
H
VL19
VGMA8−(VGMA8−VGMA9)x
1367/3138
33
H
VL51
VGMA7−(VGMA7−VGMA8)x
581/2692
14
H
VL20
VGMA8−(VGMA8−VGMA9)x
1248/3138
34
H
VL52
VGMA7−(VGMA7−VGMA8)x
447/2692
15
H
VL21
VGMA8−(VGMA8−VGMA9)x
1144/3138
35
H
VL53
VGMA7−(VGMA7−VGMA8)x
298/2692
16
H
VL22
VGMA8−(VGMA8−VGMA9)x
1040/3138
36
H
VL54
VGMA7−(VGMA7−VGMA8)x
149/2692
17
H
VL23
VGMA8−(VGMA8−VGMA9)x
936/3138
37
H
VL55
VGMA7
18
H
VL24
VGMA8−(VGMA8−VGMA9)x
832/3138
38
H
VL56
VGMA6−(VGMA6−VGMA7)x
3140/3289
19
H
VL25
VGMA8−(VGMA8−VGMA9)x
728/3138
39
H
VL57
VGMA6−(VGMA6−VGMA7)x
2947/3289
1A
H
VL26
VGMA8−(VGMA8−VGMA9)x
624/3138
3A
H
VL58
VGMA6−(VGMA6−VGMA7)x
2724/3289
1B
H
VL27
VGMA8−(VGMA8−VGMA9)x
520/3138
3B
H
VL59
VGMA6−(VGMA6−VGMA7)x
2471/3289
1C
H
VL28
VGMA8−(VGMA8−VGMA9)x
416/3138
3C
H
VL60
VGMA6−(VGMA6−VGMA7)x
2158/3289
1D
H
VL29
VGMA8−(VGMA8−VGMA9)x
312/3138
3D
H
VL61
VGMA6−(VGMA6−VGMA7)x
1637/3289
1E
H
VL30
VGMA8−(VGMA8−VGMA9)x
208/3138
3E
H
VL62
VGMA6−(VGMA6−VGMA7)x
923/3289
1F
H
VL31
VGMA8−(VGMA8−VGMA9)x
104/3138
3F
H
VL63
VGMA6
FIGURE 5. FPD33584A Lower Gamma Voltages
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com