Electronic Components Datasheet Search
  English  ▼

X  

FPD33584 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button FPD33584 Datasheet HTML 8Page - National Semiconductor (TI) FPD33584 Datasheet HTML 9Page - National Semiconductor (TI) FPD33584 Datasheet HTML 10Page - National Semiconductor (TI) FPD33584 Datasheet HTML 11Page - National Semiconductor (TI) FPD33584 Datasheet HTML 12Page - National Semiconductor (TI) FPD33584 Datasheet HTML 13Page - National Semiconductor (TI) FPD33584 Datasheet HTML 14Page - National Semiconductor (TI) FPD33584 Datasheet HTML 15Page - National Semiconductor (TI) FPD33584 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Functional Description (Continued)
Data
Output Voltage (gamma A)
Data
Output Voltage (gamma A)
00
H
VH0
VGMA1
20
H
VH32
VGMA3
01
H
VH1
VGMA2+(VGMA1−VGMA2)x
4049/5879
21
H
VH33
VGMA4+(VGMA3−VGMA4)x
2588/2692
02
H
VH2
VGMA2+(VGMA1−VGMA2)x
3022/5879
22
H
VH34
VGMA4+(VGMA3−VGMA4)x
2484/2692
03
H
VH3
VGMA2+(VGMA1−VGMA2)x
2293/5879
23
H
VH35
VGMA4+(VGMA3−VGMA4)x
2380/2692
04
H
VH4
VGMA2+(VGMA1−VGMA2)x
1668/5879
24
H
VH36
VGMA4+(VGMA3−VGMA4)x
2276/2692
05
H
VH5
VGMA2+(VGMA1−VGMA2)x
1147/5879
25
H
VH37
VGMA4+(VGMA3−VGMA4)x
2172/2692
06
H
VH6
VGMA2+(VGMA1−VGMA2)x
730/5879
26
H
VH38
VGMA4+(VGMA3−VGMA4)x
2068/2692
07
H
VH7
VGMA2+(VGMA1−VGMA2)x
313/5879
27
H
VH39
VGMA4+(VGMA3−VGMA4)x
1964/2692
08
H
VH8
GMA2
28
H
VH40
VGMA4+(VGMA3−VGMA4)x
1860/2692
09
H
VH9
VGMA3+(VGMA2−VGMA3)x
2825/3138
29
H
VH41
VGMA4+(VGMA3−VGMA4)x
1756/2692
0A
H
VH10
VGMA3+(VGMA2−VGMA3)x
2617/3138
2A
H
VH42
VGMA4+(VGMA3−VGMA4)x
1652/2692
0B
H
VH11
VGMA3+(VGMA2−VGMA3)x
2409/3138
2B
H
VH43
VGMA4+(VGMA3−VGMA4)x
1548/2692
0C
H
VH12
VGMA3+(VGMA2−VGMA3)x
2260/3138
2C
H
VH44
VGMA4+(VGMA3−VGMA4)x
1429/2692
0D
H
VH13
VGMA3+(VGMA2−VGMA3)x
2111/3138
2D
H
VH45
VGMA4+(VGMA3−VGMA4)x
1310/2692
0E
H
VH14
VGMA3+(VGMA2−VGMA3)x
1977/3138
2E
H
VH46
VGMA4+(VGMA3−VGMA4)x
1191/2692
0F
H
VH15
VGMA3+(VGMA2−VGMA3)x
1843/3138
2F
H
VH47
VGMA4+(VGMA3−VGMA4)x
1072/2692
10
H
VH16
VGMA3+(VGMA2−VGMA3)x
1724/3138
30
H
VH48
VGMA4+(VGMA3−VGMA4)x
953/2692
11
H
VH17
VGMA3+(VGMA2−VGMA3)x
1605/3138
31
H
VH49
VGMA4+(VGMA3−VGMA4)x
834/2692
12
H
VH18
VGMA3+(VGMA2−VGMA3)x
1486/3138
32
H
VH50
VGMA4+(VGMA3−VGMA4)x
715/2692
13
H
VH19
VGMA3+(VGMA2−VGMA3)x
1367/3138
33
H
VH51
VGMA4+(VGMA3−VGMA4)x
581/2692
14
H
VH20
VGMA3+(VGMA2−VGMA3)x
1248/3138
34
H
VH52
VGMA4+(VGMA3−VGMA4)x
447/2692
15
H
VH21
VGMA3+(VGMA2−VGMA3)x
1144/3138
35
H
VH53
VGMA4+(VGMA3−VGMA4)x
298/2692
16
H
VH22
VGMA3+(VGMA2−VGMA3)x
1040/3138
36
H
VH54
VGMA4+(VGMA3−VGMA4)x
149/2692
17
H
VH23
VGMA3+(VGMA2−VGMA3)x
936/3138
37
H
VH55
VGMA4
18
H
VH24
VGMA3+(VGMA2−VGMA3)x
832/3138
38
H
VH56
VGMA5+(VGMA4−VGMA5)x
3140/3289
19
H
VH25
VGMA3+(VGMA2−VGMA3)x
728/3138
39
H
VH57
VGMA5+(VGMA4−VGMA5)x
2947/3289
1A
H
VH26
VGMA3+(VGMA2−VGMA3)x
624/3138
3A
H
VH58
VGMA5+(VGMA4−VGMA5)x
2724/3289
1B
H
VH27
VGMA3+(VGMA2−VGMA3)x
520/3138
3B
H
VH59
VGMA5+(VGMA4−VGMA5)x
2471/3289
1C
H
VH28
VGMA3+(VGMA2−VGMA3)x
416/3138
3C
H
VH60
VGMA5+(VGMA4−VGMA5)x
2158/3289
1D
H
VH29
VGMA3+(VGMA2−VGMA3)x
312/3138
3D
H
VH61
VGMA5+(VGMA4−VGMA5)x
1637/3289
1E
H
VH30
VGMA3+(VGMA2−VGMA3)x
208/3138
3E
H
VH62
VGMA5+(VGMA4−VGMA5)x
923/3289
1F
H
VH31
VGMA3+(VGMA2−VGMA3)x
104/3138
3F
H
VH63
VGMA5
FIGURE 6. FPD33584A Upper Gamma Voltages
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com