Electronic Components Datasheet Search
  English  ▼

X  

FPD33584 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD33584
Description  Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD33584 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button FPD33584 Datasheet HTML 10Page - National Semiconductor (TI) FPD33584 Datasheet HTML 11Page - National Semiconductor (TI) FPD33584 Datasheet HTML 12Page - National Semiconductor (TI) FPD33584 Datasheet HTML 13Page - National Semiconductor (TI) FPD33584 Datasheet HTML 14Page - National Semiconductor (TI) FPD33584 Datasheet HTML 15Page - National Semiconductor (TI) FPD33584 Datasheet HTML 16Page - National Semiconductor (TI) FPD33584 Datasheet HTML 17Page - National Semiconductor (TI) FPD33584 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Functional Description (Continued)
Data
Output Voltage (gamma B)
Data
Output Voltage (gamma B)
00
H
VL0
VGMA10
20
H
VL32
VGMA8
01
H
VL1
VGMA9−(VGMA9−VGMA10)x
5747/6149
21
H
VL33
VGMA7−(VGMA7−VGMA8)x
2040/2174
02
H
VL2
VGMA9−(VGMA9−VGMA10)x
5345/6149
22
H
VL34
VGMA7−(VGMA7−VGMA8)x
1906/2174
03
H
VL3
VGMA9−(VGMA9−VGMA10)x
4943/6149
23
H
VL35
VGMA7−(VGMA7−VGMA8)x
1772/2174
04
H
VL4
VGMA9−(VGMA9−VGMA10)x
4541/6149
24
H
VL36
VGMA7−(VGMA7−VGMA8)x
1638/2174
05
H
VL5
VGMA9−(VGMA9−VGMA10)x
4139/6149
25
H
VL37
VGMA7−(VGMA7−VGMA8)x
1504/2174
06
H
VL6
VGMA9−(VGMA9−VGMA10)x
3737/6149
26
H
VL38
VGMA7−(VGMA7−VGMA8)x
1370/2174
07
H
VL7
VGMA9−(VGMA9−VGMA10)x
3335/6149
27
H
VL39
VGMA7−(VGMA7−VGMA8)x
1236/2174
08
H
VL8
VGMA9−(VGMA9−VGMA10)x
2933/6149
28
H
VL40
VGMA7−(VGMA7−VGMA8)x
1102/2174
09
H
VL9
VGMA9−(VGMA9−VGMA10)x
2531/6149
29
H
VL41
VGMA7−(VGMA7−VGMA8)x
968/2174
0A
H
VL10
VGMA9−(VGMA9−VGMA10)x
2129/6149
2A
H
VL42
VGMA7−(VGMA7−VGMA8)x
834/2174
0B
H
VL11
VGMA9−(VGMA9−VGMA10)x
1727/6149
2B
H
VL43
VGMA7−(VGMA7−VGMA8)x
700/2174
0C
H
VL12
VGMA9−(VGMA9−VGMA10)x
1325/6149
2C
H
VL44
VGMA7−(VGMA7−VGMA8)x
566/2174
0D
H
VL13
VGMA9−(VGMA9−VGMA10)x
968/6149
2D
H
VL45
VGMA7−(VGMA7−VGMA8)x
432/2174
0E
H
VL14
VGMA9−(VGMA9−VGMA10)x
611/6149
2E
H
VL46
VGMA7−(VGMA7−VGMA8)x
298/2174
0F
H
VL15
VGMA9−(VGMA9−VGMA10)x
298/6149
2F
H
VL47
VGMA7−(VGMA7−VGMA8)x
149/2174
10
H
VL16
VGMA9
30
H
VL48
VGMA7
11
H
VL17
VGMA8−(VGMA8−VGMA9)x
3036/3304
31
H
VL49
VGMA6−(VGMA6−VGMA7)x
3214/3378
12
H
VL18
VGMA8−(VGMA8−VGMA9)x
2768/3304
32
H
VL50
VGMA6−(VGMA6−VGMA7)x
3035/3378
13
H
VL19
VGMA8−(VGMA8−VGMA9)x
2500/3304
33
H
VL51
VGMA6−(VGMA6−VGMA7)x
2856/3378
14
H
VL20
VGMA8−(VGMA8−VGMA9)x
2247/3304
34
H
VL52
VGMA6−(VGMA6−VGMA7)x
2663/3378
15
H
VL21
VGMA8−(VGMA8−VGMA9)x
2009/3304
35
H
VL53
VGMA6−(VGMA6−VGMA7)x
2470/3378
16
H
VL22
VGMA8−(VGMA8−VGMA9)x
1786/3304
36
H
VL54
VGMA6−(VGMA6−VGMA7)x
2262/3378
17
H
VL23
VGMA8−(VGMA8−VGMA9)x
1578/3304
37
H
VL55
VGMA6−(VGMA6−VGMA7)x
2054/3378
18
H
VL24
VGMA8−(VGMA8−VGMA9)x
1177/3304
38
H
VL56
VGMA6−(VGMA6−VGMA7)x
1816/3378
19
H
VL25
VGMA8−(VGMA8−VGMA9)x
984/3304
39
H
VL57
VGMA6−(VGMA6−VGMA7)x
1578/3378
1A
H
VL26
VGMA8−(VGMA8−VGMA9)x
805/3304
3A
H
VL58
VGMA6−(VGMA6−VGMA7)x
1325/3378
1B
H
VL27
VGMA8−(VGMA8−VGMA9)x
626/3304
3B
H
VL59
VGMA6−(VGMA6−VGMA7)x
1072/3378
1C
H
VL28
VGMA8−(VGMA8−VGMA9)x
462/3304
3C
H
VL60
VGMA6−(VGMA6−VGMA7)x
804/3378
1D
H1DH
VL29
VGMA8−(VGMA8−VGMA9)x
462/3304
3D
H
VL61
VGMA6−(VGMA6−VGMA7)x
536/3378
1E
H
VL30
VGMA8−(VGMA8−VGMA9)x
298/3304
3E
H3EH
VL62
VGMA6−(VGMA6−VGMA7)x
268/3378
1F
H
VL31
VGMA8−(VGMA8−VGMA9)x
149/3304
3F
H
VL63
VGMA6
FIGURE 8. FPD33584B Lower Gamma Voltages (compatible with Samsung S6C0666)
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com