Electronic Components Datasheet Search
  English  ▼

X  

AP3445 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3445
Description  STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3445 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3445 Datasheet HTML 1Page - Diodes Incorporated AP3445 Datasheet HTML 2Page - Diodes Incorporated AP3445 Datasheet HTML 3Page - Diodes Incorporated AP3445 Datasheet HTML 4Page - Diodes Incorporated AP3445 Datasheet HTML 5Page - Diodes Incorporated AP3445 Datasheet HTML 6Page - Diodes Incorporated AP3445 Datasheet HTML 7Page - Diodes Incorporated AP3445 Datasheet HTML 8Page - Diodes Incorporated AP3445 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP3445/L
Document number: DS39755 Rev. 1 - 2
5 of 13
www.diodes.com
March 2018
© Diodes Incorporated
AP3445/L
Electrical Characteristics (@TA = +25ºC, VIN = 5.0V, VOUT = 2.5V, COUT = 22µF*2, L = 2.2µH, unless otherwise specified.)
Symbol
Parameters
Conditions
Min
Typ
Max
Unit
VIN
VIN
Input Voltage Range
–
2.7
–
5.5
V
VOUT
Output Voltage Range
–
0.6
–
VIN
V
IQ
Quiescent Current
VFB = 0.65V
–
55
–
µA
ISD
Shutdown Current
VEN = 0V
–
0.1
1
µA
VUVLO
Input UVLO Threshold
VIN Rises
–
2.4
2.5
V
VHYS
Input UVLO Hysteresis
VIN Falls
–
0.2
–
V
Feedback Input
VFB
Regulated Feedback Voltage
–
0.591
0.6
0.609
V
IFB
FB Leakage Current
VFB = 1V
–
–
0.2
µA
ILIM
Peak Inductor Current
–
2.5
–
–
A
Oscillator
fOSC
Oscillator Frequency
–
0.8
1
1.2
MHz
DMAX
Maximum Duty Cycle
–
100
–
–
%
MOSFET
RDS(ON)
Drain-Source On-State
Resistance
ILX = 100mA High Side
–
100
–
mΩ
ILX = 100mA Low Side
–
60
–
mΩ
RDISCH
Output Discharge Switch On
Resister
–
–
50
–
Ω
EN Pin
VENH
EN Threshold High
–
1.5
–
–
V
VENL
EN Threshold Low
–
–
–
0.4
V
IEN
EN Leakage Current
VIN= VEN =5V
-1.0
–
1.0
µA
Protection
VSCP
Short Circuit Protection Latch
Off Threshold
AP3445L only
–
0.42
–
V
TDELAY_SCP
Short Circuit Protection Delay
Time
–
–
30
–
ms
TOTP
Over Temperature Protection
–
–
+150
–
°C
TDTH
OTP Hysteresis
–
–
+20
–
°C
VOVP
VOUT Over Voltage Protection
AP3445L only
–
0.72
–
V
VIOVP
VIN Over Voltage Protection
VIN Rises
–
6.3
–
V
VIHSY
IOVP Hysteresis
VIN Falls
–
0.35
–
V
Soft Start
tSS
Soft-start Time
–
0.7
1.0
1.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com