Electronic Components Datasheet Search
  English  ▼

X  

AP3445 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP3445
Description  STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3445 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP3445 Datasheet HTML 5Page - Diodes Incorporated AP3445 Datasheet HTML 6Page - Diodes Incorporated AP3445 Datasheet HTML 7Page - Diodes Incorporated AP3445 Datasheet HTML 8Page - Diodes Incorporated AP3445 Datasheet HTML 9Page - Diodes Incorporated AP3445 Datasheet HTML 10Page - Diodes Incorporated AP3445 Datasheet HTML 11Page - Diodes Incorporated AP3445 Datasheet HTML 12Page - Diodes Incorporated AP3445 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP3445/L
Document number: DS39755 Rev. 1 - 2
12 of 13
www.diodes.com
March 2018
© Diodes Incorporated
AP3445/L
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT26 (SC74R)
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3
SOT26 (SC74R)
Dim
Min
Max
Typ
A1
0.013 0.10
0.05
A2
1.00
1.30
1.10
A3
0.70
0.80
0.75
b
0.35
0.50
0.38
c
0.10
0.20
0.15
D
2.90
3.10
3.00
e
-
-
0.95
e1
-
-
1.90
E
2.70
3.00
2.80
E1
1.50
1.70
1.60
L
0.35
0.55
0.40
a
-
-
8°
a1
-
-
7°
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: SOT26 (SC74R)
C1
Y1 G
X
Y
C
Dimensions Value (in mm)
C
2.40
C1
0.95
G
1.60
X
0.55
Y
0.80
Y1
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com