Electronic Components Datasheet Search
  English  ▼

X  

AP3445 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3445
Description  STEP-DOWN DC-DC BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3445 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3445 Datasheet HTML 1Page - Diodes Incorporated AP3445 Datasheet HTML 2Page - Diodes Incorporated AP3445 Datasheet HTML 3Page - Diodes Incorporated AP3445 Datasheet HTML 4Page - Diodes Incorporated AP3445 Datasheet HTML 5Page - Diodes Incorporated AP3445 Datasheet HTML 6Page - Diodes Incorporated AP3445 Datasheet HTML 7Page - Diodes Incorporated AP3445 Datasheet HTML 8Page - Diodes Incorporated AP3445 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP3445/L
Document number: DS39755 Rev. 1 - 2
1 of 13
www.diodes.com
March 2018
© Diodes Incorporated
AP3445/L
1MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Description
The AP3445 and AP3445L is a 2A step-down DC-DC converter. At
heavy load, the constant-frequency PWM control performs excellent
stability
and
transient
response.
No
external
compensation
components are required.
The AP3445/L supports a range of input voltages from 2.7V to 5.5V
allowing the use of a single Li+/Li-polymer cell, multiple Alkaline/NiMH
cell, and other standard power sources. The output voltage is
adjustable from 0.6V to the input voltage. The AP3445/L employs
internal power switch and synchronous rectifier to minimize external
part count and realize high efficiency. During shutdown, the input is
disconnected from the output and the shutdown current is less than
1μA. Other key features include over-temperature and short circuit
protection, and under-voltage lockout to prevent deep battery
discharge.
The AP3445/L delivers 2A maximum output current while consuming
only 55
μA of no-load quiescent current. Ultra-low RDS(ON) integrated
MOSFETs and 100% duty cycle operation make the AP3445/L an
ideal choice for high output voltage, high current applications which
require a low dropout threshold. Pulse skip mode to maintain high
efficiency at light-load conditions.
The AP3445/L is available in SOT26 (SC74R) package.
Features
Input Voltage: 2.7V to 5.5V
Output Voltage: 0.6V to VIN
0.6V Reference Voltage with ±1.5% Precision
55µA (Typ) No Load Quiescent Current
Shutdown Current: <1µA
100% Duty Cycle Operation
1MHz Switching Frequency
No External Compensation Required
Short Circuit Protection
445L: Latch Off Protection
AP3445: Hiccup Mode Protection
Over Voltage Protection
3445L: Latch Off Protection
445: Non Latch Off Protection
Thermal Shutdown
SOT26 (SC74R) Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOT26 (SC74R)
Applications
Post DC-DC Voltage Regulation
Set Top Boxes
Notebook Computer
PAD
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
EN
LX
VIN
FB
GND
PG
1
2
3
4
5
Pin 1 Mark
6


Similar Part No. - AP3445

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN122 AKM-AP3440ABN122 Datasheet
930Kb / 17P
High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
logo
Diodes Incorporated
AP3441 DIODES-AP3441 Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
AP3441 DIODES-AP3441 Datasheet
776Kb / 13P
1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
More results

Similar Description - AP3445

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3402 DIODES-AP3402 Datasheet
474Kb / 10P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
AP3441 DIODES-AP3441 Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
A7466 AITSEMI-A7466 Datasheet
621Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 60V,480KHZ,0.5A STEP-DOWN CONVERTER
REV1.0
A7596 AITSEMI-A7596 Datasheet
638Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 150KHz, 3A PWM BUCK DC-DC CONVERTER
REV1.2
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com