Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2480
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 1 Page - Linear Technology

  LTC2480 Datasheet HTML 1Page - Linear Technology LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
LTC2480
2480f
■ Direct Sensor Digitizer
■ Weight Scales
■ Direct Temperature Measurement
■ Strain Gauge Transducers
■ Instrumentation
■ Industrial Process Control
■ DVMs and Meters
16-Bit
∆Σ ADC with Easy Drive
Input Current Cancellation
■
Easy Drive Technology Enables Rail-to-Rail Inputs
with Zero Differential Input Current
■ Directly Digitizes High Impedance Sensors with
Full Accuracy
■ Programmable Gain from 1 to 256
■ Integrated Temperature Sensor
■
GND to VCC Input/Reference Common Mode Range
■ Programmable 50Hz, 60Hz or Simultaneous
50Hz/60Hz Rejection Mode
■
2ppm (0.25LSB) INL, No Missing Codes
■ 1ppm Offset and 15ppm Full-Scale Error
■ Selectable 2x Speed Mode (15Hz Using Internal
Oscillator)
■ No Latency: Digital Filter Settles in a Single Cycle
■ Single Supply 2.7V to 5.5V Operation
■
Internal Oscillator
■ Available in a Tiny (3mm
× 3mm) 10-Lead
DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
LTC2480
VIN
+
VREF
VCC
VCC
GND
FO
VIN
–
1
µF
SDO
4-WIRE
SPI INTERFACE
1
µF
10k
IDIFF = 0
10k
SCK
2480 TA01
CS
SDI
SENSE
The LTC
®2480combinesa16-bitplussignNoLatency
∆ΣTM
analog-to-digital converter with patented Easy Drive
TM tech-
nology. The patented sampling scheme eliminates dynamic
input current errors and the shortcomings of on-chip buff-
ering through automatic cancellation of differential input
current. This allows large external source impedances and
input signals, with rail-to-rail input range to be directly digi-
tized while maintaining exceptional DC accuracy.
The LTC2480 includes on-chip programmable gain, a
temperature sensor and an oscillator. The LTC2480 can be
configured to provide a programmable gain from 1 to 256
in 8 steps, measure an external signal or internal tempera-
ture sensor and reject line frequencies. 50Hz, 60Hz or
simultaneous 50Hz/60Hz line frequency rejection can be
selected as well as a 2x speed-up mode.
The LTC2480 allows a wide common mode input range
(0V to VCC) independent of the reference voltage. The
reference can be as low as 100mV or can be tied directly
to VCC. The LTC2480 includes an on-chip trimmed oscil-
lator eliminating the need for external crystals or oscilla-
tors. Absolute accuracy and low drift are automatically
maintained through continuous, transparent, offset and
full-scale calibration.
RSOURCE (Ω)
1
–20
0
20
1k
100k
2480 TA04
–40
–60
–80
10
100
10k
40
60
80
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
– = 1.25V
FO = GND
TA = 25°C
CIN = 1µF
+FS Error vs RSOURCE at IN+ and IN–
, LTC and LT are registered trademarks of Linear Technology Corporation.
No Latency
∆Σ and Easy Drive are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Patent Pending.


Similar Part No. - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2480 LINER-LTC2480 Datasheet
206Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2480 LINER-LTC2480 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2480 LINER-LTC2480 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480 Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2480CDD-PBF LINER-LTC2480CDD-PBF Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2480

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
16-Bit ADC with Easy Drive Input Current Cancellation
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498_15 Datasheet
1Mb / 38P
24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com