Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2480
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 10Page - Linear Technology LTC2480 Datasheet HTML 11Page - Linear Technology LTC2480 Datasheet HTML 12Page - Linear Technology LTC2480 Datasheet HTML 13Page - Linear Technology LTC2480 Datasheet HTML 14Page - Linear Technology LTC2480 Datasheet HTML 15Page - Linear Technology LTC2480 Datasheet HTML 16Page - Linear Technology LTC2480 Datasheet HTML 17Page - Linear Technology LTC2480 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
LTC2480
2480f
APPLICATIO S I FOR ATIO
EN GS2 GS1
Gain
Any Gain
2480 TBL1
Any
Speed
Any
Rejection
Mode
GS0
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
0
1
0
1
0
0
1
1
0
1
0
1
0
0
1
1
IM
FA
FB
SPD
Comments
Keep Previous Mode
External Input, Gain = 1, Autocalibration
External Input, Gain = 4, Autocalibration
External Input, Gain = 8, Autocalibration
External Input, Gain = 16, Autocalibration
External Input, Gain = 32, Autocalibration
External Input, Gain = 64, Autocalibration
External Input, Gain = 128, Autocalibration
External Input, Gain = 256, Autocalibration
External Input, Gain = 1, 2x Speed
External Input, Gain = 2, 2x Speed
External Input, Gain = 4, 2x Speed
External Input, Gain = 8, 2x Speed
External Input, Gain = 16, 2x Speed
External Input, Gain = 32, 2x Speed
External Input, Gain = 64, 2x Speed
External Input, Gain = 128, 2x Speed
External Input, Simultaneous 50Hz/60Hz Rejection
External Input, 50Hz Rejection
External Input, 60Hz Rejection
Reserved, Do Not Use
Temperature Input, 50Hz/60Hz Rejection, Gain = 1, Autocalibration
Temperature Input, 50Hz Rejection, Gain = 1, Autocalibration
Temperature Input, 60Hz Rejection, Gain = 1, Autocalibration
Reserved, Do Not Use
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
X
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
XX
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
Rejection
Mode
Table 1. Selecting Special Modes
Figure 2. Input/Output Data Timing
CS
SDO
Hi-Z
SIG
DMY
BIT 21
MSB
B16
CONVERSION RESULT
BIT 20
BIT 19
BIT 18
LSB
BIT 4
GS2
BIT 3
GS0
GS1
BIT 1
BIT 0
IM
BIT 2
BIT 22
SCK
SDI
SLEEP
DATA INPUT/OUTPUT
BIT 23
EOC
EN
GS2
GS1
GS0
IM
FB
FA
SPD
DON’T CARE
CONVERSION
2480 F02
PREVIOUS
CONFIGURATION BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com