Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2480
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 3 Page - Linear Technology

  LTC2480 Datasheet HTML 1Page - Linear Technology LTC2480 Datasheet HTML 2Page - Linear Technology LTC2480 Datasheet HTML 3Page - Linear Technology LTC2480 Datasheet HTML 4Page - Linear Technology LTC2480 Datasheet HTML 5Page - Linear Technology LTC2480 Datasheet HTML 6Page - Linear Technology LTC2480 Datasheet HTML 7Page - Linear Technology LTC2480 Datasheet HTML 8Page - Linear Technology LTC2480 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
LTC2480
2480f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
0.1
≤ VREF ≤ VCC, –FS ≤ VIN ≤ +FS (Note 5)
●
16
Bits
Integral Nonlinearity
5V
≤ VCC ≤ 5.5V, VREF = 5V, VIN(CM) = 2.5V (Note 6)
●
2
10
ppm of VREF
2.7V
≤ VCC ≤ 5.5V, VREF = 2.5V, VIN(CM) = 1.25V (Note 6)
1
Offset Error
2.5V
≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC (Note 14)
●
0.5
2
mV
Offset Error Drift
2.5V
≤ VREF ≤ VCC, GND ≤ IN+ = IN– ≤ VCC
100
nV/
°C
Positive Full-Scale Error
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
●
25
ppm of VREF
Positive Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
0.1
ppm of
VREF/°C
Negative Full-Scale Error
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
●
25
ppm of VREF
Negative Full-Scale Error Drift
2.5V
≤ VREF ≤ VCC, IN+ = 0.75VREF, IN– = 0.25VREF
0.1
ppm of
VREF/°C
Output Noise
5V
≤ VCC ≤ 5.5V, VREF = 5V, GND ≤ IN– = IN+ ≤ VCC (Note 13)
0.84
µVRMS
Programmable Gain
(Note 15)
●
1
128
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are TA = 25°C. (Notes 3, 4)
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Notes 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
Input Common Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
50Hz
±2%
Input Common Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
140
dB
60Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 7)
●
110
120
dB
50Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 8)
●
110
120
dB
60Hz
±2%
Input Normal Mode Rejection
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Notes 5, 9)
●
87
dB
50Hz/60Hz
±2%
Reference Common Mode
2.5V
≤ VREF ≤ VCC, GND ≤ IN– = IN+ ≤ VCC (Note 5)
●
120
140
dB
Rejection DC
Power Supply Rejection DC
VREF = 2.5V, IN– = IN+ = GND
120
dB
Power Supply Rejection, 50Hz
±2%
VREF = 2.5V, IN
– = IN+ = GND (Notes 7, 9)
120
dB
Power Supply Rejection, 60Hz
±2%
VREF = 2.5V, IN
– = IN+ = GND (Notes 8, 9)
120
dB
CO VERTER CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
GND – 0.3V
VCC + 0.3V
V
IN–
Absolute/Common Mode IN– Voltage
GND – 0.3V
VCC + 0.3V
V
FS
Full Scale of the Differential Input (IN+ – IN–)
● 0.5VREF/GAIN
V
LSB
Least Significant Bit of the Output Code
●
FS/216
VIN
Input Differential Voltage Range (IN+ – IN–)
●
–FS
+FS
V
VREF
Reference Voltage Range
●
0.1
VCC
V
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE
ELECTRICAL CHARACTERISTICS (2x SPEED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com