Electronic Components Datasheet Search
  English  ▼

X  

LTC2480 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2480
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2480 Datasheet HTML 19Page - Linear Technology LTC2480 Datasheet HTML 20Page - Linear Technology LTC2480 Datasheet HTML 21Page - Linear Technology LTC2480 Datasheet HTML 22Page - Linear Technology LTC2480 Datasheet HTML 23Page - Linear Technology LTC2480 Datasheet HTML 24Page - Linear Technology LTC2480 Datasheet HTML 25Page - Linear Technology LTC2480 Datasheet HTML 26Page - Linear Technology LTC2480 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
LTC2480
2480f
APPLICATIO S I FOR ATIO
When testing EOC, if the conversion is complete (EOC = 0),
the device will exit the low power mode during the EOC
test. In order to allow the device to return to the low power
sleep state, CS must be pulled HIGH before the first rising
edge of SCK. In the internal SCK timing mode, SCK goes
HIGH and the device begins outputting data at time tEOCtest
after the falling edge of CS (if EOC = 0) or tEOCtest after EOC
goes LOW (if CS is LOW during the falling edge of EOC).
The value of tEOCtest is 12µs if the device is using its internal
oscillator. If FO is driven by an external oscillator of
frequency fEOSC, then tEOCtest is 3.6/fEOSC in seconds. If CS
is pulled HIGH before time tEOCtest, the device returns to
the sleep state and the conversion result is held in the
internal static shift register.
If CS remains LOW longer than tEOCtest, the first rising
edge of SCK will occur and the conversion result is serially
shifted out of the SDO pin. The data I/O cycle concludes
after the 24th rising edge. The input data is shifted in via
the SDI pin on the rising edge of SCK (including the first
rising edge) and the output data is shifted out of the SDO
pin on each falling edge of SCK. The internally generated
serial clock is output to the SCK pin. This signal may be
used to shift the conversion result into external circuitry.
EOC can be latched on the first rising edge of SCK and the
last bit of the conversion result on the 24th rising edge of
SCK. After the 24th rising edge, SDO goes HIGH (EOC = 1),
SCK stays HIGH and a new conversion starts.
CS remains LOW during the data output state. However,
the data output state may be aborted by pulling CS HIGH
anytime between the first and 24th rising edge of SCK (see
Figure 9). On the rising edge of CS, the device aborts the
data output state and immediately initiates a new conver-
sion. If the device has not finished loading the last input bit
SPD of SDI by the time CS is pulled HIGH, the SDI
information is discarded and the previous configuration is
still kept. This is useful for systems not requiring all 24 bits
of output data, aborting an invalid conversion cycle, or
synchronizing the start of a conversion. If CS is pulled
HIGH while the converter is driving SCK LOW, the internal
pull-up is not available to restore SCK to a logic HIGH state.
This will cause the device to exit the internal serial clock
mode on the next falling edge of CS. This can be avoided
by adding an external 10k pull-up resistor to the SCK pin
or by never pulling CS HIGH when SCK is LOW.
Figure 8. Internal Serial Clock, Single Cycle Operation
EN
GS2
GS1
GS0
IM
FA
FB
SPD
SDI*
DON’T CARE
DON’T CARE
SDO
SCK
(INTERNAL)
CS
MSB
SIG
BIT 0
LSB
IM
BIT 4
TEST EOC
BIT 19
BIT 18
BIT 17
BIT 16
BIT 20
BIT 21
BIT 22
EOC
BIT 23
SLEEP
SLEEP
DATA OUTPUT
CONVERSION
CONVERSION
2480 F08
<tEOCtest
Hi-Z
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
VREF
IN+
IN–
SCK
SDI
SDO
CS
GND
210
INT/EXT CLOCK
3
4
5
9
10k
VCC
7
8
6
1
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUT
1
µF
2.7V TO 5.5V
LTC2480
4-WIRE
SPI INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com