Electronic Components Datasheet Search
  English  ▼

X  

AD5301 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5301
Description  2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5301 Datasheet HTML 9Page - Analog Devices AD5301 Datasheet HTML 10Page - Analog Devices AD5301 Datasheet HTML 11Page - Analog Devices AD5301 Datasheet HTML 12Page - Analog Devices AD5301 Datasheet HTML 13Page - Analog Devices AD5301 Datasheet HTML 14Page - Analog Devices AD5301 Datasheet HTML 15Page - Analog Devices AD5301 Datasheet HTML 16Page - Analog Devices AD5301 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD5301/AD5311/AD5321
Rev. C | Page 13 of 24
THEORY OF OPERATION
The AD5301/AD5311/AD5321 are single resistor-string DACs
fabricated on a CMOS process with resolutions of 8/10/12 bits,
respectively. Data is written via a 2-wire serial interface. The
devices operate from single supplies of 2.5 V to 5.5 V and the
output buffer amplifiers provide rail-to-rail output swing with
a slew rate of 0.7 V/μs. The power supply (VDD) acts as the
reference to the DAC. The AD5301/AD5311/AD5321 have
three programmable power-down modes, in which the DAC
can be turned off completely with a high impedance output,
or the output can be pulled low by an on-chip resistor (see the
Power-Down Modes section).
DIGITAL-TO-ANALOG
The architecture of the DAC channel consists of a resistor string
DAC followed by an output buffer amplifier. The voltage at the
VDD pin provides the reference voltage for the DAC. Figure 24
shows a block diagram of the DAC architecture. Since the input
coding to the DAC is straight binary, the ideal output voltage is
given by
N
DD
OUT
D
V
V
2
where:
N = DAC resolution.
D = decimal equivalent of the binary code that is loaded to the
DAC register:
0–255 for AD5301 (8 bits)
0–1023 for AD5311 (10 bits)
0–4095 for AD5321 (12 bits).
DAC
REGISTER
RESISTOR
STRING
OUTPUT BUFFER
AMPLIFIER
REF(+)
REF(–)
GND
VDD
VOUT
Figure 24. DAC Channel Architecture
RESISTOR STRING
The resistor string section is shown in Figure 25. It is simply
a string of resistors, each with a value of R. The digital code
loaded to the DAC register determines at what node on the
string the voltage is tapped off to be fed into the output ampli-
fier. The voltage is tapped off by closing one of the switches
connecting the string to the amplifier. Because it is a string
of resistors, it is guaranteed monotonic over all codes.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 25. Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating output volt-
ages to within 1 mV from either rail, which gives an output range
of 0.001 V to VDD − 0.001 V. It is capable of driving a load of
2 kΩ to GND and VDD, in parallel with 500 pF to GND. The
source and sink capabilities of the output amplifier can be seen
in Figure 14.
The slew rate is 0.7 V/μs with a half-scale settling time to
±0.5 LSB (at 8 bits) of 6 μs with the output unloaded.
POWER-ON RESET
The AD5301/AD5311/AD5321 are provided with a power-on
reset function, ensuring that they power up in a defined state.
The DAC register is filled with zeros and remains so until a
valid write sequence is made to the device. This is particularly
useful in applications where it is important to know the state
of the DAC output while the device is powering up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com