Electronic Components Datasheet Search
  English  ▼

X  

AD5301 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5301
Description  2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5301 Datasheet HTML 15Page - Analog Devices AD5301 Datasheet HTML 16Page - Analog Devices AD5301 Datasheet HTML 17Page - Analog Devices AD5301 Datasheet HTML 18Page - Analog Devices AD5301 Datasheet HTML 19Page - Analog Devices AD5301 Datasheet HTML 20Page - Analog Devices AD5301 Datasheet HTML 21Page - Analog Devices AD5301 Datasheet HTML 22Page - Analog Devices AD5301 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5301/AD5311/AD5321
Rev. C | Page 19 of 24
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The AD5301/AD5311/AD5321
should be decoupled to GND with 10 μF in parallel with a 0.1 μF
capacitor, located as close to the package as possible. The 10 μF
capacitor should be the tantalum bead type, while a ceramic
0.1 μF capacitor provides a sufficient low impedance path to
ground at high frequencies. The power supply lines of the
AD5301/AD5311/AD5321 should use as large a trace as
possible to provide low impedance paths. A ground line routed
between the SDA and SCL lines helps reduce crosstalk between
them. This is not required on a multilayer board as there is a
ground plane layer, but separating the lines helps.
AD5301
A1
A0
VOUT
AD5301
A1
A0
AD5301
A1
A0
AD5301
A1
A0
SCL
SCL
SDA
SDA
SCL
SDA
SCL
SDA
SCL
SDA
5V
MASTER
RP
RP
VOUT
VOUT
VOUT
VDD
VDD
VDD
Figure 38. Multiple AD5301 Devices on One Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com