Electronic Components Datasheet Search
  English  ▼

X  

AD5301 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5301
Description  2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5301 Datasheet HTML 12Page - Analog Devices AD5301 Datasheet HTML 13Page - Analog Devices AD5301 Datasheet HTML 14Page - Analog Devices AD5301 Datasheet HTML 15Page - Analog Devices AD5301 Datasheet HTML 16Page - Analog Devices AD5301 Datasheet HTML 17Page - Analog Devices AD5301 Datasheet HTML 18Page - Analog Devices AD5301 Datasheet HTML 19Page - Analog Devices AD5301 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5301/AD5311/AD5321
Data Sheet
Rev. C | Page 16 of 24
READ OPERATION
When reading data back from the AD5301/AD5311/AD5321
DACs, the user must begin with an address byte after which
the DAC acknowledges that it is prepared to transmit data by
pulling SDA low. There are two different read operations. In the
case of the AD5301, the readback is a single byte that consists of
the eight data bits in the DAC register. However, in the case
of the AD5311 and AD5321, the readback consists of two bytes
that contain both the data and the power-down mode bits. The
read operations for the three DACs are shown in Figure 32 to
Figure 34.
SCL
SDA
ACK
BY
AD5301
NO ACK
BY
MASTER
START
COND
BY
MASTER
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
ADDRESS BYTE
00
0
1
1
A1*
A0
R/W
STOP
COND
BY
MASTER
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Figure 32. AD5301 Readback Sequence
SCL
SDA
SCL
SDA
LEAST SIGNIFICANT CONTROL BYTE
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
NO ACK
BY
MASTER
STOP
COND
BY
MASTER
PD1
X
X
PD0
D9
D8
D7
D6
0A1*
A0
00
11
R/W
D5
D4
D3
D2
D1
D0
X
X
ACK
BY
AD5311
ACK
BY
MASTER
START
COND
BY
MASTER
MOST SIGNIFICANT BYTE
ADDRESS BYTE
Figure 33. AD5311 Readback Sequence
LEAST SIGNIFICANT BYTE
SCL
SDA
SCL
SDA
ACK
BY
AD5321
NO ACK
BY
MASTER
START
COND
BY
MASTER
ACK BY
MASTER
*THIS BIT MUST BE 0 IN THE 6-LEAD SOT-23 VERSION.
ADDRESS BYTE
STOP
COND
BY
MASTER
MOST SIGNIFICANT BYTE
0
D7
D6
D5
D4
D3
D2
D1
D0
00
1
1
A1*
A0
R/W
X
X
PD1
PD0
D11
D10
D9
D8
Figure 34. AD5321 Readback Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com