Electronic Components Datasheet Search
  English  ▼

X  

AD5301 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5301
Description  2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5301 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5301 Datasheet HTML 13Page - Analog Devices AD5301 Datasheet HTML 14Page - Analog Devices AD5301 Datasheet HTML 15Page - Analog Devices AD5301 Datasheet HTML 16Page - Analog Devices AD5301 Datasheet HTML 17Page - Analog Devices AD5301 Datasheet HTML 18Page - Analog Devices AD5301 Datasheet HTML 19Page - Analog Devices AD5301 Datasheet HTML 20Page - Analog Devices AD5301 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD5301/AD5311/AD5321
Rev. C | Page 17 of 24
POWER-DOWN MODES
The AD5301/AD5311/AD5321 have very low power consump-
tion, dissipating typically 0.36 mW with a 3 V supply and 0.75 mW
with a 5 V supply. Power consumption can be further reduced
when the DAC is not in use by putting it into one of three
power-down modes, which are selected by Bit 13 and Bit 12 (PD1
and PD0) of the control word. Table 6 shows how the state of
the bits corresponds to the mode of operation of the DAC.
Table 6. PD1 and PD0 Operating Modes
PD1
PD0
Operating Mode
0
0
Normal operation
0
1
Power-down (1 kΩ load to GND)
1
0
Power-down (100 kΩ load to GND)
1
1
Power-down (three-state output)
The software power-down modes programmed by PD1 and
PD0 may be overridden by the PD pin on the 8-lead version.
Taking this pin low puts the DAC into three-state power-down
mode. If PD is not used, tie it high.
When both bits are set to 0, the DAC works normally with its
normal power consumption of 150 μA at 5 V, while for the three
power-down modes, the supply current falls to 200 nA at 5 V
(50 nA at 3 V). Not only does the supply current drop, but the
output stage is also internally switched from the output of the
amplifier to a resistor network of known values. This has the
advantage that the output impedance of the device is known
while the device is in power-down mode and provides a defined
input condition for whatever is connected to the output of the
DAC amplifier. There are three different options. The output is
connected internally to GND through a 1 kΩ resistor, a 100 kΩ
resistor, or it is left three-stated. Resistor tolerance = ±20%.
The output stage is illustrated in Figure 35.
REGISTER
STRING DAC
AMPLIFIER
VOUT
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
Figure 35. Output Stage During Power-Down
The bias generator, the output amplifier, the resistor string, and
all other associated linear circuitry are shut down when the
power-down mode is activated. However, the contents of the
DAC register are unchanged when in power-down. The time to
exit power-down is typically 2.5 μs for VDD = 5 V and 6 μs when
VDD = 3 V (see Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com