Electronic Components Datasheet Search
  English  ▼

X  

UP1728PDDA Datasheet(PDF) 3 Page - uPI Group Inc.

Part # UP1728PDDA
Description  1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1728PDDA Datasheet(HTML) 3 Page - uPI Group Inc.

  UP1728PDDA Datasheet HTML 1Page - uPI Group Inc. UP1728PDDA Datasheet HTML 2Page - uPI Group Inc. UP1728PDDA Datasheet HTML 3Page - uPI Group Inc. UP1728PDDA Datasheet HTML 4Page - uPI Group Inc. UP1728PDDA Datasheet HTML 5Page - uPI Group Inc. UP1728PDDA Datasheet HTML 6Page - uPI Group Inc. UP1728PDDA Datasheet HTML 7Page - uPI Group Inc. UP1728PDDA Datasheet HTML 8Page - uPI Group Inc. UP1728PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
uP1728
3
uP1728-DS-F0000, Dec. 2012
www.upi-semi.com
.
o
Ne
m
a
N
n
i
Pn
o
it
c
n
u
F
n
i
P
1B
F
.
t
u
p
n
I
k
c
a
b
d
e
e
F
r
e
h
c
t
i
w
s
e
h
t
s
e
s
n
e
s
B
F
.
r
e
if
il
p
m
a
r
o
r
r
e
e
h
t
f
o
t
u
p
n
i
g
n
it
r
e
v
n
i
e
h
t
s
i
n
i
p
s
i
h
T
.
k
r
o
w
t
e
n
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
n
a
h
g
u
o
r
h
t
t
u
p
t
u
o
2D
D
V
.
y
l
p
p
u
S
s
a
i
B
s
s
a
p
w
o
l
a
i
v
r
e
w
o
p
t
u
p
n
i
o
t
t
c
e
n
n
o
C
.
y
r
t
i
u
c
r
i
c
l
a
n
r
e
t
n
i
e
h
t
r
o
f
r
e
w
o
p
s
e
il
p
p
u
S
.
D
N
G
o
t
g
n
il
p
u
o
c
e
d
h
t
i
w
r
e
tl
if
3N
I
V
.
t
u
p
n
I
y
l
p
p
u
S
r
e
w
o
P
s
i
h
t
e
l
p
u
o
c
e
D
.
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
o
t
t
n
e
r
r
u
c
s
e
il
p
p
u
s
t
a
h
t
e
g
a
tl
o
v
t
u
p
n
I
.
r
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
R
7
X
r
o
R
5
X
F
u
0
1
t
s
a
e
l
t
a
h
t
i
w
D
N
G
o
t
n
i
p
5
,
4D
N
G
.
d
n
u
o
r
G
.
e
n
a
l
p
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
d
n
a
B
C
P
o
t
d
e
r
e
d
l
o
s
e
b
t
s
u
M
7
,
6X
L
.
t
u
p
t
u
O
s
e
h
c
t
i
w
S
l
a
n
r
e
t
n
I
.
r
o
t
c
u
d
n
i
t
u
p
t
u
o
e
h
t
o
t
s
n
i
p
e
s
e
h
t
t
c
e
n
n
o
C
8E
D
O
M
.
n
o
i
t
c
e
l
e
S
e
d
o
M
r
o
f
D
N
G
o
t
n
i
p
s
i
h
t
e
i
T
.
e
c
i
v
e
d
e
h
t
f
o
e
d
o
m
n
o
it
a
r
e
p
o
s
m
a
r
g
o
r
p
n
i
p
s
i
h
T
.
M
C
C
r
o
f
D
D
V
o
t
d
n
a
g
n
i
v
a
s
r
e
w
o
p
9K
O
P
.
n
o
i
t
a
c
i
d
n
I
K
O
r
e
w
o
P
.
s
r
u
c
c
o
tl
u
a
f
o
n
d
n
a
d
n
e
t
r
a
t
s
t
f
o
s
r
e
t
f
a
e
c
n
a
d
e
p
m
i
h
g
i
h
t
e
s
s
i
n
i
p
s
i
h
T
0
1N
E
.
)
h
g
i
H
e
v
i
t
c
A
(
e
l
b
a
n
E
p
i
h
C
.
g
n
it
a
o
lf
e
v
a
e
l
t
o
n
o
D
.
r
e
t
r
e
v
n
o
c
e
h
t
n
w
o
d
s
t
u
h
s
w
o
l
c
i
g
o
L
d
a
P
d
e
s
o
p
x
E
.
d
n
u
o
r
G
e
n
a
l
p
d
n
u
o
r
g
o
t
d
e
t
c
e
n
n
o
c
d
n
a
B
C
P
o
t
d
e
r
e
d
l
o
s
e
b
t
s
u
m
D
N
G
d
a
p
d
e
s
o
p
x
e
e
h
T
.
e
c
n
a
m
r
o
f
r
e
p
l
a
m
it
p
o
r
o
f
Functional Pin Description
Functional Block Diagram
Control Logic
Driver
Current
Sense
Current Limit
Detector
Over/Under
Voltage
Protection
Slope
Comp.
OSC &
Shutdown Control
0.6V
VREF
LX
FB
EN
VIN
VDD
0.93V
0.54V
0.26V
POK
POK
GND
Mode
OVP
POK
UVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com