Electronic Components Datasheet Search
  English  ▼

X  

UP1728PDDA Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP1728PDDA
Description  1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1728PDDA Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP1728PDDA Datasheet HTML 4Page - uPI Group Inc. UP1728PDDA Datasheet HTML 5Page - uPI Group Inc. UP1728PDDA Datasheet HTML 6Page - uPI Group Inc. UP1728PDDA Datasheet HTML 7Page - uPI Group Inc. UP1728PDDA Datasheet HTML 8Page - uPI Group Inc. UP1728PDDA Datasheet HTML 9Page - uPI Group Inc. UP1728PDDA Datasheet HTML 10Page - uPI Group Inc. UP1728PDDA Datasheet HTML 11Page - uPI Group Inc. UP1728PDDA Datasheet HTML 12Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
uP1728
9
uP1728-DS-F0000, Dec. 2012
www.upi-semi.com
POK 5V/Div
LX 2V/Div
VOUT 1V/Div
POK 5V/Div
LX 5V/Div
VOUT 1V/Div
ILX 5A/Div
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 2.6V
VIN = 3.3V
VIN = 5.0V
LX 2V/Div
VOUT
1V/Div
POK
5V/Div
LX 2V/Div
VOUT
10mV/Div
ILX 2A/Div
LX 2V/Div
VOUT
10mV/Div
ILX 2A/Div
Typical Operation Characteristics
Switching
Time (2us/Div)
V
IN = 5.0V, VOUT = 1.8V, IOUT = 3A
Switching
Time (2us/Div)
V
IN = 5.0V, VOUT = 1.8V, IOUT = 1.5A
Over Current Protection
Time (4us/Div)
V
IN = 5.0V, VOUT = 1.8V
Under Voltage Protection
Time (4us/Div)
V
IN = 5.0V, VOUT = 1.8V
Over Voltage Protection
Time (10us/Div)
V
IN = 5.0V, VOUT = 1.8V
Efficiency vs. Output Current
Output Current (A)
V
OUT = 1.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com