Electronic Components Datasheet Search
  English  ▼

X  

UP1728PDDA Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP1728PDDA
Description  1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1728PDDA Datasheet(HTML) 4 Page - uPI Group Inc.

  UP1728PDDA Datasheet HTML 1Page - uPI Group Inc. UP1728PDDA Datasheet HTML 2Page - uPI Group Inc. UP1728PDDA Datasheet HTML 3Page - uPI Group Inc. UP1728PDDA Datasheet HTML 4Page - uPI Group Inc. UP1728PDDA Datasheet HTML 5Page - uPI Group Inc. UP1728PDDA Datasheet HTML 6Page - uPI Group Inc. UP1728PDDA Datasheet HTML 7Page - uPI Group Inc. UP1728PDDA Datasheet HTML 8Page - uPI Group Inc. UP1728PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
uP1728
4
uP1728-DS-F0000, Dec. 2012
www.upi-semi.com
The uP1728 is a high efficiency synchronous-rectified buck
converter with internal power switches. Fixed 1.2MHz
PWM operation allows possible smallest output ripple and
external component size. With high conversion efficiency
and small package, the uP1728 is ideally suitable for
portable devices and USB/PCIE-based interface cards
where PCB area is especially concerned. With internal
low R
DS(ON) switches, the uP1728 is capable of delivering
3A output current over a wide input voltage range from
2.6V to 5.5V. The output voltage is adjustable from 0.6V
to VIN by a voltage divider. Other features include internal
soft-start, chip enable, over-voltage, under-voltage, over-
temperature and over-current protections. The uP1728 is
available in a space-saving WDFN3x3-10L package.
Input Supply Voltages, VIN & VDD
The uP1728 features separate power supply and ground
pins for power stages and control circuit, isolating the
control circuit from noise associated with the power
MOSFET switching. The VIN pins provide current to the
power stage. The supply voltage range is from 2.6V to
5.5V. The uP1728 draws pulsed current with sharp edges
from VIN each time the upper switch turns on, resulting in
voltage ripples and spikes at supply input. A minimum 10uF
ceramic capacitor with shortest PCB trace is highly
recommended for bypassing the supply input. The VDD
pin provides currents for the internal control circuit. A power
on reset (POR) continuously monitors the input supply
voltage. The POR level is typically 2.4V at VDD rising.
Use low pass filter R4 and C3 as shown in the Typical
Application Circuit to filter the input noise associated with
the power switching.
Chip Enable/Disable and Soft-Start
The uP1728 features an EN pin for enable/disable control
of the output voltage. Pulling the EN pin lower than 0.4V
shuts down the uP1728 and reduces its quiescent current
lower than 1uA. In the shutdown mode, both upper and
lower switches are turned off. Pulling EN pin higher than
1.5V enables the uP1728. Once the chip is enabled, the
VDD POR is granted. The internal soft-start capacitor
becomes charged and generates a linear ramping up
voltage across the capacitor. This voltage clamps the
voltage at the FB pin causing PWM pulse width to increase
slowly and in turn reduce the output surge current. The
internal 0.6V reference takes over the loop control once
the internal ramping-up voltage becomes higher than 0.6V.
PWM Operation
The uP1728 adopts slope-compensated, current mode
PWM control capable of achieving 100% duty cycle. During
normal operation, the uP1728 operates at PWM mode to
Functional Description
regulate output voltage by transferring the power to the
output voltage cycle by cycle at a constant 1.2MHz
frequency. The uP1728 turns on the upper switch at each
rising edge of the internal oscillator allowing the inductor
current to ramp up linearly. The switch remains on until
either the current-limit is tripped or the PWM comparator
turns off the switch for regulating output voltage. The upper
switch current is sensed, slope compensated and
compared with the error amplifier output COMP to
determine the adequate duty cycle. The VOUT pin senses
output feedback voltage from an external resistive divider.
When the load current increases, it causes a slight
decrease in the feedback voltage relative to the 0.6V
reference, which in turn, causes the error amplifier output
voltage to increase until the average inductor current
matches the new load current.
Low Dropout Mode
The uP1728 increases duty cycle to maintain output
voltage within its regulation as the supply input drops
gradually in the battery-powered applications. The uP1728
operates with 100% duty cycle and enters low dropout
mode as the supply input approaches the output voltage.
This maximizes the battery life.
Output Voltage Setting and Feedback Network
The output voltage can be set from VREF to VIN by a
voltage divider as:
REF
OUT
V
1
R
2
R
1
R
V
×
+
=
The internal VREF is 0.6V with 1% accuracy. In real
applications, a 22pF feed-forward ceramic capacitor is
recommended in parallel with R2 for better transient
response.
Current Limit Function
The uP1728 continuously monitors the inductor current
for current limit by sensing the voltage drop across the
upper switch when it turns on. When the inductor current
is higher than current limit threshold (6A typical), the
current limit function activates and forces the upper switch
turning off to limit inductor current cycle by cycle. If the
load continuously demands more current than what
uP1728 could provide, uP1728 can not regulate the output
voltage. Eventually under voltage protection will be
triggered and shuts down the uP1728 if VOUT is too low.
Under Voltage Protection
Under voltage Protection is triggered if the FB voltage is
lower than 0.26V. Once UVP is triggered , the uP1728
turn off high-side and low-side MOSFET. The under voltage
protection is latch-off function and can only be reset by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com