Electronic Components Datasheet Search
  English  ▼

X  

UP1728PDDA Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP1728PDDA
Description  1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1728PDDA Datasheet(HTML) 1 Page - uPI Group Inc.

  UP1728PDDA Datasheet HTML 1Page - uPI Group Inc. UP1728PDDA Datasheet HTML 2Page - uPI Group Inc. UP1728PDDA Datasheet HTML 3Page - uPI Group Inc. UP1728PDDA Datasheet HTML 4Page - uPI Group Inc. UP1728PDDA Datasheet HTML 5Page - uPI Group Inc. UP1728PDDA Datasheet HTML 6Page - uPI Group Inc. UP1728PDDA Datasheet HTML 7Page - uPI Group Inc. UP1728PDDA Datasheet HTML 8Page - uPI Group Inc. UP1728PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
uP1728
1
uP1728-DS-F0000, Dec. 2012
www.upi-semi.com
2.6V to 5.5V Input Voltage Range
Adjustable Output from 0.6V to V
IN
Guaranteed 3.0A Output Current
Accurate Reference: 0.6V (+1%)
Up to 95% Conversion Efficiency
Low Quiescent Current
Integrated Low R
DS(ON) Upper and Lower MOSFET
Switches: 80mΩ
Ω
Ω
Ω
Ω
and 60mΩ
Ω
Ω
Ω
Ω
Current Mode PWM Operation
Fixed Frequency : 1.2MHz
100% Maximum Duty Cycle for Lowest Dropout
Internal Soft-Start
Over Voltage and Under Voltage Protection
Over Temperature and Over Current Protection
WDFN3x3-10L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
A
D
D
P
8
2
7
1
P
uL
0
1
-
3
x
3
N
F
D
WP
8
2
7
1
P
u
1.2MHz, 3.0A, High-Efficiency
Synchronous-Rectified Buck Converter
Battery-Powered Portable Devices
MP3 Players
Notebook Computers
Wireless and DSL Modems
Personal Information Appliances
IP Phones
Digital Cameras
802.11 WLAN Power Supplies
FPGA/ASIC Power Supplies
Dynamically Adjustable Power Supply for
CDMA/WCDMA Power Amplifiers
USB-Based xDSL Modems and Other Network
Interface Cards
Point-of-Load Regulation
General Description
Applications
Ordering Information
Features
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
The uP1728 is a high efficiency synchronous-rectified buck
converter with internal power switches. Fixed 1.2MHz
PWM operation allows possible smallest output ripple and
external component size. With high conversion efficiency
and small package, the uP1728 is ideally suitable for
portable devices and USB/PCIE-based interface cards,
where PCB area is especially concerned.
With internal low RDS(ON) switches, the uP1728 is capable
of delivering 3.0A output current over a wide input voltage
range from 2.6V to 5.5V. The output voltage is adjustable
from 0.6V to VIN by a voltage divider.
Other features include internal soft-start, chip enable, over-
voltage, under-voltage, over-temperature and over-current
protections. The uP1728 is available in a space-saving
WDFN3x3-10L package.
Pin Configuration
POK
MODE
EN
LX
FB
VDD
VIN
GND
GND
1
2
3
4
10
9
8
7
WDFN3x3-10L
GND 5
LX
6


Similar Part No. - UP1728PDDA

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1728S UPI-UP1728S Datasheet
189Kb / 13P
1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1728SDDA UPI-UP1728SDDA Datasheet
189Kb / 13P
1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
More results

Similar Description - UP1728PDDA

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1723 UPI-UP1723 Datasheet
268Kb / 16P
2A, 18V, High-Efficiency Synchronous-Rectified Buck Converter
UP1727R UPI-UP1727R Datasheet
128Kb / 10P
High-Efficiency Synchronous-Rectified Buck Converter
UP1728S UPI-UP1728S Datasheet
189Kb / 13P
1.2MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
High-Efficiency Synchronous-Rectified Buck Converter
UP1722P UPI-UP1722P Datasheet
225Kb / 15P
1.5MHz, 1.3A, High-Efficiency Synchronous-Rectified Buck Converter
UP1727 UPI-UP1727 Datasheet
726Kb / 13P
1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1727Q UPI-UP1727Q Datasheet
211Kb / 13P
1.0MHz, 3.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1734 UPI-UP1734 Datasheet
188Kb / 13P
1.0MHz, 5.0A, High-Efficiency Synchronous-Rectified Buck Converter
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com