Electronic Components Datasheet Search
  English  ▼

X  

UP9507 Datasheet(PDF) 17 Page - uPI Group Inc.

Part # UP9507
Description  3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9507 Datasheet(HTML) 17 Page - uPI Group Inc.

Back Button UP9507 Datasheet HTML 13Page - uPI Group Inc. UP9507 Datasheet HTML 14Page - uPI Group Inc. UP9507 Datasheet HTML 15Page - uPI Group Inc. UP9507 Datasheet HTML 16Page - uPI Group Inc. UP9507 Datasheet HTML 17Page - uPI Group Inc. UP9507 Datasheet HTML 18Page - uPI Group Inc. UP9507 Datasheet HTML 19Page - uPI Group Inc. UP9507 Datasheet HTML 20Page - uPI Group Inc. UP9507 Datasheet HTML 21Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
uP9507
17
uP9507-DS-C3000, June. 2015
www.upi-semi.com
Conceptual
Functional Description
3
.
1
5
.
1
_
×
×
×
=
DC
CSN
ISUM
OCP
OUT
R
R
N
R
I
Total Output OCP and Operating Phase Number
The total output OCP level is usually designed for the
voltage regulator that is operated in full phase condition by
hardware setting. The actual operating phase number is
controlled by the SVID SetPS command. When the
operating phase number is decreased, the total output OCP
level is decreased as well. The total output OCP level is
changed per actual operating phase number. Table 7 shows
the total output OCP ratio per actual operating phase
number and the hardware configuration.
Table 7. Total Output OCP and Operating Phase Number
o
i
t
a
R
P
C
O
t
u
p
t
u
O
l
a
t
o
T
n
o
i
t
i
d
n
o
C
g
n
i
t
a
r
e
p
O
e
s
a
h
P
-
3e
s
a
h
P
-
2
e
s
a
h
P
-
1
e
r
a
w
d
r
a
H
n
o
i
t
a
r
u
g
i
f
n
o
C
e
s
a
h
P
-
31
-
-2
1
/
5
e
s
a
h
P
-
2-
-1
3
/
2
e
s
a
h
P
-
1-
--
-1
Output Current Reporting
Refer to Figure 8, the sensed current I
CSN is also separately
mirrored and fed to IMON pin (IMONA for VccGT) as I
IMON
for SVID output current reporting function. Connect a resistor
R
IMON from IMON pin to GND. The current IIMON flows through
the resistor R
IMON, creating voltage drop across it. As the
total load current increases, the voltage on IMON pin (V
IMON)
increases proportionally. An internal analog-to-digital
converter (ADC) converts V
IMON to a digital content for output
current reporting through SVID interface. As V
IMON voltage
increases, the SVID register 0x15h content increases. The
IMON voltage has typically 600mV offset, which means
V
IMON = 600mV and SVID register 0x15h = 00h. The ADC
input range is typically 1.5V, which means the SVID register
0x15h = FFh when V
IMON = 2100mV. Further increase of
V
IMON (>2.1V) is allowed, but the ADC results will remain
at FFh. Capacitor can be added to the IMON pin to adjust
the response time of current reporting. The IMON pin is for
digital output current reporting only, not for SVID IccMAX
alert function or OCP. The total output current level for SVID
register 0x15h = FFh is calculated as follows.
DC
CSN
IMON
FFh
h
x
OUT
R
R
N
R
I
SVID
×
×
=
=
5
.
1
15
0
Note that the resistance value of R
IMON must be between
10k
Ω to 60kΩ to ensure the controller in normal operation.
IMON/IMONA Capacitor Selection
The capacitor C
IMON connected from IMON to GND (CIMONA
for IMONA) is used to adjust the response time of IMON
voltage change to load current change. It is recommended
to add a capacitor to the IMON pin. However, too large
capacitance for C
IMON is improper, and will affect the accuracy
in digital output current reporting. Due to the embedded A/
D conversion circuit to the IMON pin, the RC time constant
(tau) should be adequate to ensure correct operation and
digital current reporting accuracy. Use 4 x tau = 160us as
the rule of thumb to determine C
IMON. After resistor RIMON is
determined, the C
IMON is then calculated by
IMON
IMON
R
C
6
10
160
4
−
×
×
≤
Then choose a capacitance value that is closest to but not
greater than the calculation for C
IMON.
Over Voltage Protection (OVP)
The controller monitors the voltage on FB pin (FBA for
VccGT) for over voltage protection. The controller monitors
the voltage on FB pin (FBA for VccGT) for under voltage
protection. After output voltage ramps up to Vboot, the
controller initiates OVP function. Once V
FB exceeds VEAP
+ OVP threshold for a specific delay time, OVP is triggered.
VR_RDY will be pulled low immediately, UGx will be held
low, LGx will be held high, and PWM outputs will be low to
let driver turns on low side MOSFET and turns off high side
MOSFET to protect CPU. Since the low side MOSFET is
turned on, the regulator output capacitor will be discharged
and output voltage decreases as well. When FB pin voltage
decreases to lower than typical 0.5V, LGx will be held low
(PWM outputs turns to high impedance state) to turn off
the low side MOSFET to avoid negative output voltage.
The other unaffected voltage regulator will also shut down.
The OVP is a latch-off type protection, and it can only be
reset by VCC or EN toggling. The OVP detection circuit
has a fixed delay time to prevent false trigger.
Under Voltage Protection (UVP)
The controller monitors the voltage on FB pin (FBA for
VccGT) for under voltage protection. After output voltage
ramps up to Vboot, the controller initiates UVP function.
Once V
FB is lower than VEAP - UVP threshold for a specific
delay time, OVP is triggered. VR_RDY will be pulled low
immediately, both UGx and LGx will be held low, and all
PWM outputs will in high-impedance state to let driver turns
off all MOSFETs to shutdown the regulator. The other
unaffected voltage regulator will also shut down. The UVP
is a latch-off type protection, and it can only be reset by
VCC or EN toggling. The UVP detection circuit has a fixed
delay time to prevent false trigger.
Per-Phase Over Current Protection
In addition to the total output current OCP, the controller
provides per-phase current OCP to protect the voltage
regulator. The controller uses DCR current sensing
technique to sense the inductor current in each phase for
per-phase over current protection and current balance as
shown in Figure 9. In this inductor current sensing topology,
the time constant can expressed as follows.
CSX
CSPX
DC
C
R
R
L
k
×
=
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com