Electronic Components Datasheet Search
  English  ▼

X  

UP9507 Datasheet(PDF) 4 Page - uPI Group Inc.

Part # UP9507
Description  3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9507 Datasheet(HTML) 4 Page - uPI Group Inc.

  UP9507 Datasheet HTML 1Page - uPI Group Inc. UP9507 Datasheet HTML 2Page - uPI Group Inc. UP9507 Datasheet HTML 3Page - uPI Group Inc. UP9507 Datasheet HTML 4Page - uPI Group Inc. UP9507 Datasheet HTML 5Page - uPI Group Inc. UP9507 Datasheet HTML 6Page - uPI Group Inc. UP9507 Datasheet HTML 7Page - uPI Group Inc. UP9507 Datasheet HTML 8Page - uPI Group Inc. UP9507 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
uP9507
4
uP9507-DS-C3000, June. 2015
www.upi-semi.com
Conceptual
Functional Pin Description
.
o
Ne
m
a
Nn
o
i
t
c
n
u
F
n
i
P
1X
A
M
I
_
3
M
W
P
e
t
e
r
c
s
i
d
l
a
n
r
e
t
x
e
r
o
f
l
a
n
g
i
s
c
i
g
o
l
M
W
P
a
s
t
u
p
t
u
o
t
I
.
n
i
p
l
a
n
o
i
t
c
n
u
f
-
i
t
l
u
m
a
s
i
n
i
p
s
i
h
T
.
t
n
e
t
n
o
c
r
e
t
s
i
g
e
r
D
I
V
S
e
r
o
c
V
e
h
t
t
e
s
o
t
d
e
s
u
o
s
l
a
s
i
t
i
d
n
a
l
i
a
r
e
r
o
c
V
r
o
f
r
e
v
i
r
d
T
E
F
S
O
M
.
t
u
p
t
u
O
M
W
P
3
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
e
h
t
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
e
r
o
c
V
r
o
f
t
u
p
n
I
g
n
i
t
t
e
S
X
A
M
I
D
I
V
S
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
l
i
a
r
e
r
o
c
V
r
o
f
e
u
l
a
v
)
h
1
2
x
0
(
r
e
t
s
i
g
e
r
X
A
M
c
c
I
2A
X
A
M
I
_
2
M
W
P
e
t
e
r
c
s
i
d
l
a
n
r
e
t
x
e
r
o
f
l
a
n
g
i
s
c
i
g
o
l
M
W
P
a
s
t
u
p
t
u
o
t
I
.
n
i
p
l
a
n
o
i
t
c
n
u
f
-
i
t
l
u
m
a
s
i
n
i
p
s
i
h
T
.
t
n
e
t
n
o
c
r
e
t
s
i
g
e
r
D
I
V
S
T
G
c
c
V
e
h
t
t
e
s
o
t
d
e
s
u
o
s
l
a
s
i
t
i
d
n
a
l
i
a
r
e
r
o
c
V
r
o
f
r
e
v
i
r
d
T
E
F
S
O
M
.
t
u
p
t
u
O
M
W
P
2
e
s
a
h
P
.
r
e
v
i
r
d
T
E
F
S
O
M
l
a
n
r
e
t
x
e
f
o
t
u
p
n
i
M
W
P
o
t
n
i
p
s
i
h
t
t
c
e
n
n
o
C
.
T
G
c
c
V
r
o
f
t
u
p
n
I
g
n
i
t
t
e
S
A
X
A
M
I
D
I
V
S
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
l
i
a
r
T
G
c
c
V
r
o
f
e
u
l
a
v
)
h
1
2
x
0
(
r
e
t
s
i
g
e
r
X
A
M
c
c
I
3L
R
T
C
R
D
.
t
u
p
t
u
O
l
o
r
t
n
o
C
e
l
b
a
n
E
r
e
v
i
r
D
T
E
F
S
O
M
o
t
d
e
s
u
s
i
t
I
.
n
i
p
l
a
n
o
i
t
c
n
u
f
-
i
t
l
u
m
a
s
i
n
i
p
s
i
h
T
k
0
1
a
t
c
e
n
n
o
C
.
s
r
e
v
i
r
d
T
E
F
S
O
M
e
t
e
r
c
s
i
d
l
a
n
r
e
t
x
e
ll
a
e
l
b
a
s
i
d
/
e
l
b
a
n
e
Ω
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
r
e
h
t
o
y
n
a
e
s
u
t
o
n
o
D
.
r
e
ll
o
r
t
n
o
c
e
h
t
o
t
e
s
o
l
c
r
o
t
s
i
s
e
r
s
i
h
t
e
c
a
l
p
d
n
a
d
n
u
o
r
g
o
t
n
i
p
f
o
g
n
i
t
u
o
r
e
c
a
r
t
B
C
P
.
n
i
p
s
i
h
t
o
t
y
l
t
c
e
r
i
d
r
o
t
i
c
a
p
a
c
y
n
a
t
c
e
n
n
o
c
t
o
n
o
D
.
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
n
i
n
o
i
t
c
e
s
d
e
t
a
l
e
r
e
h
t
o
t
r
e
f
e
R
.
n
o
i
t
a
r
e
d
i
s
n
o
c
l
a
i
c
e
p
s
s
a
h
n
i
p
s
i
h
t
.
l
i
a
t
e
d
r
o
f
4E
S
N
E
S
T
.
e
r
o
c
V
r
o
f
t
u
p
n
I
g
n
i
r
o
t
i
n
o
M
l
a
m
r
e
h
T
e
r
u
t
a
r
e
p
m
e
t
e
v
i
t
a
g
e
n
d
e
i
f
i
c
e
p
s
a
t
c
e
n
n
o
C
e
r
u
t
a
r
e
p
m
e
t
R
V
e
r
o
c
V
r
o
f
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
k
r
o
w
t
e
n
r
o
t
s
i
m
r
e
h
t
)
C
T
N
(
t
n
e
i
c
i
f
f
e
o
c
k
0
0
1
e
s
u
o
t
d
n
e
m
m
o
c
e
R
.
g
n
i
s
n
e
s
Ω/β
a
t
a
r
u
M
y
b
r
o
t
s
i
m
r
e
h
t
C
T
N
0
5
2
4
=
.
l
i
a
t
e
d
r
o
f
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
n
i
n
o
i
t
c
e
s
d
e
t
a
l
e
r
e
h
t
e
e
S
.
)
C
R
3
0
F
4
0
1
F
W
5
1
P
C
N
(
53
N
S
C
.
3
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
a
g
e
N
s
i
3
e
s
a
h
p
e
r
o
c
V
n
e
h
W
k
1
a
h
g
u
o
r
h
t
C
C
V
o
t
n
i
p
s
i
h
t
h
g
i
h
ll
u
p
,
d
e
s
u
t
o
n
Ω
e
r
o
c
V
t
e
l
o
t
3
M
W
P
e
l
b
a
s
i
d
o
t
r
o
t
s
i
s
e
r
.
n
o
i
t
a
r
u
g
i
f
n
o
c
e
s
a
h
p
-
2
n
i
e
t
a
r
e
p
o
R
V
63
P
S
C
.
3
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
i
s
o
P
s
i
3
e
s
a
h
p
e
r
o
c
V
n
e
h
W
.
n
o
i
t
a
r
u
g
i
f
n
o
c
e
s
a
h
p
-
2
n
i
d
e
r
u
g
i
f
n
o
c
s
i
R
V
e
r
o
c
V
n
e
h
w
D
N
G
o
t
n
i
p
s
i
h
t
t
r
o
h
s
,
d
e
s
u
t
o
n
72
N
S
C
.
2
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
a
g
e
N
s
i
2
e
s
a
h
p
e
r
o
c
V
n
e
h
W
k
1
a
h
g
u
o
r
h
t
C
C
V
o
t
n
i
p
s
i
h
t
h
g
i
h
ll
u
p
,
d
e
s
u
t
o
n
Ω
e
r
o
c
V
t
e
l
o
t
2
M
W
P
e
l
b
a
s
i
d
o
t
r
o
t
s
i
s
e
r
.
n
o
i
t
a
r
u
g
i
f
n
o
c
e
s
a
h
p
-
e
l
g
n
i
s
n
i
e
t
a
r
e
p
o
R
V
82
P
S
C
.
2
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
i
s
o
P
s
i
2
e
s
a
h
p
e
r
o
c
V
n
e
h
W
e
s
a
h
p
-
e
l
g
n
i
s
n
i
d
e
r
u
g
i
f
n
o
c
s
i
R
V
e
r
o
c
V
n
e
h
w
D
N
G
o
t
n
i
p
s
i
h
t
t
r
o
h
s
,
d
e
s
u
t
o
n
.
n
o
i
t
a
r
u
g
i
f
n
o
c
91
N
S
C
.
1
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
a
g
e
N
0
11
P
S
C
.
1
e
s
a
h
P
e
r
o
c
V
r
o
f
t
u
p
n
I
e
s
n
e
S
t
n
e
r
r
u
C
l
a
i
t
n
e
r
e
f
f
i
D
e
v
i
t
i
s
o
P
1
1M
U
S
I
.
e
r
o
c
V
r
o
f
g
n
i
s
n
e
S
d
n
a
g
n
i
t
t
e
S
d
l
o
h
s
e
r
h
T
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
r
e
v
O
a
t
c
e
n
n
o
C
t
c
e
n
n
o
c
t
o
n
o
D
.
d
l
o
h
s
e
r
h
t
n
o
i
t
c
e
t
o
r
p
t
n
e
r
r
u
c
r
e
v
o
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
d
a
o
l
l
a
t
o
t
e
h
t
o
t
l
a
n
o
i
t
r
o
p
o
r
p
s
i
n
i
p
s
i
h
t
f
o
t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
T
.
n
i
p
s
i
h
t
o
t
r
o
t
i
c
a
p
a
c
y
n
a
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
d
n
a
,
n
i
p
s
i
h
t
f
o
t
u
o
s
w
o
l
f
d
n
a
d
e
s
n
e
s
s
i
t
n
e
r
r
u
c
d
a
o
l
l
a
t
o
t
e
h
T
.
t
n
e
r
r
u
c
e
h
t
n
e
h
W
.
t
n
e
r
r
u
c
t
u
p
t
u
o
l
a
t
o
t
e
h
t
o
t
l
a
n
o
i
t
r
o
p
o
r
p
e
g
a
t
l
o
v
M
U
S
I
e
h
t
s
e
k
a
m
D
N
G
o
t
n
i
p
x
a
m
c
c
I
e
h
t
e
u
s
s
i
o
t
w
o
l
d
e
ll
u
p
e
b
ll
i
w
#
T
R
E
L
A
e
h
t
y
l
n
o
,
V
5
.
1
s
d
e
e
c
x
e
n
i
p
M
U
S
I
n
o
e
g
a
t
l
o
v
f
o
%
0
3
1
(
V
5
9
.
1
s
d
e
e
c
x
e
n
i
p
M
U
S
I
n
o
e
g
a
t
l
o
v
e
h
t
n
e
h
W
.
e
c
a
f
r
e
t
n
i
D
I
V
S
h
g
u
o
r
h
t
t
r
e
l
a
.
r
e
ll
o
r
t
n
o
c
e
h
t
n
w
o
d
t
u
h
s
o
t
d
e
p
p
i
r
t
e
b
ll
i
w
n
o
i
t
c
e
t
o
r
p
t
n
e
r
r
u
c
r
e
v
o
e
h
t
,
)
t
l
u
a
f
e
d
,
V
5
.
1
2
1N
S
C
.
e
r
o
c
V
r
o
f
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
l
a
t
o
T
f
o
t
u
p
n
I
g
n
i
t
r
e
v
n
I
3
1T
E
S
N
O
T
.
g
n
i
t
t
e
S
e
m
i
t
-
n
O
M
W
P
.
e
m
i
t
-
n
o
M
W
P
e
h
t
t
e
s
o
t
D
N
G
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
t
c
e
n
n
o
C
.
g
n
i
t
t
e
s
e
m
i
t
-
n
o
M
W
P
e
m
a
s
e
h
t
e
r
a
h
s
R
V
T
G
c
c
V
d
n
a
R
V
e
r
o
c
V
e
h
T
4
1P
S
C
.
e
r
o
c
V
r
o
f
r
e
i
f
i
l
p
m
A
e
s
n
e
S
t
n
e
r
r
u
C
l
a
t
o
T
f
o
t
u
p
n
I
g
n
i
t
r
e
v
n
I
-
n
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com