Electronic Components Datasheet Search
  English  ▼

X  

UP9507 Datasheet(PDF) 2 Page - uPI Group Inc.

Part # UP9507
Description  3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9507 Datasheet(HTML) 2 Page - uPI Group Inc.

  UP9507 Datasheet HTML 1Page - uPI Group Inc. UP9507 Datasheet HTML 2Page - uPI Group Inc. UP9507 Datasheet HTML 3Page - uPI Group Inc. UP9507 Datasheet HTML 4Page - uPI Group Inc. UP9507 Datasheet HTML 5Page - uPI Group Inc. UP9507 Datasheet HTML 6Page - uPI Group Inc. UP9507 Datasheet HTML 7Page - uPI Group Inc. UP9507 Datasheet HTML 8Page - uPI Group Inc. UP9507 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
uP9507
2
uP9507-DS-C3000, June. 2015
www.upi-semi.com
Conceptual
Typical Application Circuit
3+2 Phase
PWM2_IMAXA
CSP1
TSENSE
VR_RDY
SCLK
ALERT#
SDIO
VRHOT#
EN
PROG2
PROG1
TONSET
VCC
5V
CSN1
PROG4
PROG3
VINSEN
VIN
CSP
CSN
GND
BOOT1A
UG1A
PH1A
LG1A
PVCC
12V
VIN
VccGT
CSP1A
CSN1A
CSPA
CSNA
FBRTNA
FBA
DACA
EAPA
VccGT_SENSE
VssGT_SENSE
IMONA
COMPA
ISUMA
TSENSEA
CSP2A
CSN2A
BOOT2A
UG2A
PH2A
LG2A
0.1uF
0.1uF
BOOT1
UG1
PH1
LG1
Vcore
BOOT
UG
PH
LG
PWM
EN
VCC
GND
12V
PWM3_IMAX
DRCTRL
CSP2
CSN2
CSP3
CSN3
FBRTN
FB
DAC
EAP
IMON
COMP
ISUM
1uF
0.1uF
VIN
0.1uF
0.1uF
0.1uF
1ohm
1ohm
VCC_SENSE
VSS_SENSE
0.1uF
1ohm
1ohm
1ohm
0.1uF
0.1uF
0.1uF
0.1uF
VIN
0.1uF
VIN
10kohm
1uF
BOOT
UG
PH
LG
PWM
EN
VCC
GND
12V
0.1uF
VIN
1uF
SYSFAULT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com