Electronic Components Datasheet Search
  English  ▼

X  

UP9507 Datasheet(PDF) 21 Page - uPI Group Inc.

Part # UP9507
Description  3/2/12/1-Phase Driver Embedded PWM Controller for IMVP8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP9507 Datasheet(HTML) 21 Page - uPI Group Inc.

Back Button UP9507 Datasheet HTML 17Page - uPI Group Inc. UP9507 Datasheet HTML 18Page - uPI Group Inc. UP9507 Datasheet HTML 19Page - uPI Group Inc. UP9507 Datasheet HTML 20Page - uPI Group Inc. UP9507 Datasheet HTML 21Page - uPI Group Inc. UP9507 Datasheet HTML 22Page - uPI Group Inc. UP9507 Datasheet HTML 23Page - uPI Group Inc. UP9507 Datasheet HTML 24Page - uPI Group Inc. UP9507 Datasheet HTML 25Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
uP9507
21
uP9507-DS-C3000, June. 2015
www.upi-semi.com
Conceptual
Functional Description
x
e
d
n
Ie
m
a
N
r
e
t
s
i
g
e
Rs
s
e
c
c
At
l
u
a
f
e
Dn
o
i
t
p
i
r
c
s
e
D
h
1
3g
n
i
t
t
e
S
D
I
Vr
e
t
s
a
M
W
Rh
0
0
D
I
V
d
e
m
m
a
r
g
o
r
p
y
l
t
n
e
r
r
u
c
g
n
i
n
i
a
t
n
o
c
r
e
t
s
i
g
e
r
a
t
a
D
.
e
g
a
t
l
o
v
h
2
3e
t
a
t
S
r
e
w
o
Pr
e
t
s
a
M
W
Rh
0
0
r
e
w
o
p
d
e
m
m
a
r
g
o
r
p
t
n
e
r
r
u
c
e
h
t
g
n
i
n
i
a
t
n
o
c
r
e
t
s
i
g
e
R
.
e
t
a
t
s
h
3
3t
e
s
f
f
O
e
g
a
t
l
o
Vr
e
t
s
a
M
W
Rh
0
0
r
o
f
g
n
i
t
t
e
s
D
I
V
e
h
t
o
t
d
e
d
d
a
s
p
e
t
s
D
I
V
n
i
t
e
s
f
f
o
t
e
S
.
g
n
i
n
i
g
r
a
m
e
g
a
t
l
o
v
h
4
3g
i
f
n
o
C
R
V
i
t
l
u
Mr
e
t
s
a
M
W
Rh
1
0
e
l
p
i
t
l
u
m
s
e
r
u
g
i
f
n
o
c
h
c
i
h
w
r
e
t
s
i
g
e
r
a
t
a
d
d
e
p
p
a
m
t
i
B
.
s
u
b
e
m
a
s
e
h
t
n
o
r
o
i
v
a
h
e
b
s
R
V
h
5
3R
D
A
g
e
R
t
e
Sr
e
t
s
a
M
W
R-
-
e
h
t
f
o
e
g
a
r
o
t
s
y
r
a
r
o
p
m
e
t
r
o
f
r
e
t
s
i
g
e
r
d
a
p
h
c
t
a
r
c
S
.
r
e
t
s
i
g
e
r
r
e
t
n
i
o
p
R
D
A
g
e
R
t
e
S
h
2
4D
I
V
-
1
D
I
V
IW
/
Rh
0
0
I
-
1
D
I
V
I
n
i
d
e
n
i
f
e
d
t
n
e
r
r
u
c
x
a
m
e
h
t
h
t
i
w
d
e
t
a
i
c
o
s
s
a
D
I
V
h
3
4I
-
1
D
I
V
IW
/
Rh
F
F
t
e
s
s
i
D
I
V
e
h
t
n
e
h
w
d
e
t
c
e
p
x
e
)
t
i
b
/
A
1
(
t
n
e
r
r
u
c
x
a
m
e
h
T
D
I
V
-
1
D
I
V
I
:
s
a
>
D
I
V
-
2
D
I
V
I
>
D
I
V
h
4
4D
I
V
-
2
D
I
V
IW
/
Rh
0
0
I
-
2
D
I
V
I
n
i
d
e
n
i
f
e
d
t
n
e
r
r
u
c
x
a
m
e
h
t
h
t
i
w
d
e
t
a
i
c
o
s
s
a
D
I
V
h
5
4I
-
2
D
I
V
IW
/
Rh
F
F
:
s
a
t
e
s
s
i
D
I
V
e
h
t
n
e
h
w
d
e
t
c
e
p
x
e
t
n
e
r
r
u
c
x
a
m
e
h
T
D
I
V
-
2
D
I
V
I
>
D
I
V
-
3
D
I
V
I
>
D
I
V
h
6
4D
I
V
-
3
D
I
V
IW
/
Rh
0
0
I
-
3
D
I
V
I
n
i
d
e
n
i
f
e
d
t
n
e
r
r
u
c
x
a
m
e
h
t
h
t
i
w
d
e
t
a
i
c
o
s
s
a
D
I
V
h
7
4I
-
3
D
I
V
IW
/
Rh
F
F
:
s
a
t
e
s
s
i
D
I
V
e
h
t
n
e
h
w
d
e
t
c
e
p
x
e
t
n
e
r
r
u
c
x
a
m
e
h
T
D
I
V
-
3
D
I
V
I
>
D
I
V
Table 9. Supported SVIDData and Configuration Register (Cont.)
>
>
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com