Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-80JS Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM514262-80JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-80JS Datasheet(HTML) 4 Page - OKI electronic componets

  MSM514262-80JS Datasheet HTML 1Page - OKI electronic componets MSM514262-80JS Datasheet HTML 2Page - OKI electronic componets MSM514262-80JS Datasheet HTML 3Page - OKI electronic componets MSM514262-80JS Datasheet HTML 4Page - OKI electronic componets MSM514262-80JS Datasheet HTML 5Page - OKI electronic componets MSM514262-80JS Datasheet HTML 6Page - OKI electronic componets MSM514262-80JS Datasheet HTML 7Page - OKI electronic componets MSM514262-80JS Datasheet HTML 8Page - OKI electronic componets MSM514262-80JS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
¡ Semiconductor
MSM514262
4/45
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Input Output Voltage
Output Current
Power Dissipation
Operating Temperature
Storage Temperature
Symbol
VT
IOS
PD
Topr
Tstg
Condition
Ta = 25°C
Ta = 25°C
Ta = 25°C
—
—
Rating
–1.0 to 7.0
50
1
0 to 70
–55 to 150
Unit
V
mA
W
°C
°C
(Note: 16)
Recommended Operating Condition
Parameter
Power Supply Voltage
Input High Voltage
Input Low Voltage
Symbol
VCC
VIH
VIL
Min.
4.5
2.4
–1.0
Unit
V
V
V
(Ta = 0°C to 70°C) (Note: 17)
Typ.
5.0
—
—
Max.
5.5
6.5
0.8
Capacitance
Parameter
Input Capacitance
Input/Output Capacitance
Output Capacitance
Symbol
CI
CI/O
CO(QSF)
Min.
—
—
—
Unit
pF
pF
pF
(VCC = 5 V ±10%, f = 1 MHz, Ta = 25°C)
Max.
7
9
9
Note:
This parameter is periodically sampled and is not 100% tested.
DC Characteristics 1
Parameter
Output "H" Level Voltage
Output "L" Level Voltage
Input Leakage Current
Output Leakage Current
Symbol
VOH
VOL
ILI
ILO
Condition
IOH = –2 mA
IOL = 2 mA
0 £ VIN £ VCC
0 £ VOUT £ 5.5 V
Min.
2.4
—
–10
–10
Unit
V
mA
All other pins not
Output Disable
Max.
—
0.4
10
10
under test = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com