Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-80JS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM514262-80JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-80JS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM514262-80JS Datasheet HTML 3Page - OKI electronic componets MSM514262-80JS Datasheet HTML 4Page - OKI electronic componets MSM514262-80JS Datasheet HTML 5Page - OKI electronic componets MSM514262-80JS Datasheet HTML 6Page - OKI electronic componets MSM514262-80JS Datasheet HTML 7Page - OKI electronic componets MSM514262-80JS Datasheet HTML 8Page - OKI electronic componets MSM514262-80JS Datasheet HTML 9Page - OKI electronic componets MSM514262-80JS Datasheet HTML 10Page - OKI electronic componets MSM514262-80JS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
¡ Semiconductor
MSM514262
7/45
AC Characteristics (2/3)
Parameter
Symbol
Note
Unit
ns
55
45
45
ns
0
0
0
ns
0
0
0
ns
20
0
10
0
10
0
ns
10
10
10
tRWD
tCWD
tDZC
tDZO
tCSR
tREF
tWSR
Max.
Min.
Max.
Min.
Max.
Min.
-10
-80
-70
ns
130
100
100
ms
8
8
8
0
0
0
tAWD
ns
80
65
65
ns
25
—
20
—
20
—
tOEA
ns
20
10
10
ns
10
10
10
tCHR
ns
0
0
0
tRPC
tOEZ
tOEH
ns
15
15
15
tROH
tRWH
15
15
15
tMS
0
0
0
tMH
15
15
15
tTHS
0
0
0
tTHH
15
15
15
tTLS
0
0
0
tTLH
15
15
15
12
12
ns
ns
ns
ns
ns
ns
ns
ns
10k
10k
10k
tRTH
80
65
60
ns
10k
10k
10k
tATH
30
30
25
ns
tCTH
25
25
20
ns
tESR
tREH
ns
0
0
0
15
15
15
ns
12
Column Address to WE Delay Time
CAS Hold Time for CAS before RAS Cycle
CAS Set-up Time for CAS before RAS Cycle
CAS to WE Delay Time
Data to CAS Delay Time
Data to OE Delay Time
SE Set-up Time referenced to RAS
Write Per Bit Mask Data Hold Time
Write Per Bit Mask Data Set-up Time
OE Command Hold Time
Refresh Period
SE Hold Time referenced to RAS
RAS Hold Time referenced to OE
RAS Precharge to CAS Active Time
RAS to WE Delay Time
WB Hold Time
Access Time from OE
WB Set-up Time
Output Buffer Turn-off Delay from OE
DT Low Hold Time referenced to Column Address
(Real Time Read Transfer)
DT Low Hold Time referenced to CAS
(Real Time Read Transfer)
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
DT High Hold Time
DT High Set-up Time
DT Low Hold Time
DT Low Set-up Time
DT Low Hold Time referenced to RAS
(Real Time Read Transfer)
ns
—
0
—
0
—
0
tDS
ns
70
55
55
tDHR
ns
15
15
15
tDH
11
11
Data Hold Time
Data Hold Time referenced to RAS
Data Set-up Time
—
—
—
—
—
—
tWCS
0
0
0ns
—
—
—
Write Command Set-up Time
12
ns
—
20
—
10
—
10
tOED
OE to Data Delay Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 4, 5, 6
9
7
tFSR
0
0
0
ns
DSF Set-up Time referenced to RAS
—
—
—
tRFH
15
15
15
ns
DSF Hold Time referenced to RAS (1)
—
—
—
tFHR
70
55
55
ns
DSF Hold Time referenced to RAS (2)
—
—
—
tFSC
0
0
0
ns
DSF Set-up Time referenced to CAS
—
—
—
tCFH
15
15
15
ns
DSF Hold Time referenced to CAS
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com