Electronic Components Datasheet Search
  English  ▼

X  

MSM514262-80JS Datasheet(PDF) 41 Page - OKI electronic componets

Part # MSM514262-80JS
Description  262,144-Word x 4-Bit Multiport DRAM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM514262-80JS Datasheet(HTML) 41 Page - OKI electronic componets

Back Button MSM514262-80JS Datasheet HTML 37Page - OKI electronic componets MSM514262-80JS Datasheet HTML 38Page - OKI electronic componets MSM514262-80JS Datasheet HTML 39Page - OKI electronic componets MSM514262-80JS Datasheet HTML 40Page - OKI electronic componets MSM514262-80JS Datasheet HTML 41Page - OKI electronic componets MSM514262-80JS Datasheet HTML 42Page - OKI electronic componets MSM514262-80JS Datasheet HTML 43Page - OKI electronic componets MSM514262-80JS Datasheet HTML 44Page - OKI electronic componets MSM514262-80JS Datasheet HTML 45Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
¡ Semiconductor
MSM514262
41/45
Read Transfer Operation
Read transfer consists of loading a selected row of data from the RAM into the SAM register.
A read transfer is invoked by holding CAS “high”, DT/OE “low”, WB/WE “high” and DSF
“low” at the falling edge of RAS. The row address selected at the falling edge of RAS determines
the RAM row to be transferred into the SAM. The transfer cycle is completed at the rising edge
of DT/OE. When the transfer is completed, the SAM port is set into the output mode. In a read/
real time read transfer cycle, the transfer of a new row of data is completed at the rising edge
of DT/OE and this data becomes valid on the SIO lines after the specified access time tSCA from
the rising edge of the subsequent SC cycles. The start address of the serial pointer of the SAM
is determined by the column address selected at the falling edge of CAS. In a read transfer cycle
(which is preceded by a write transfer cycle), SC clock must be held at a constant VIL or VIH, after
the SC high time has been satisfied. A rising edge of the SC clock must not occur until after the
specified delay tTSD from the rising edge of DT/OE.
In a real time read transfer cycle (which is preceded by another read transfer cycle), the previous
row data appears on the SIO lines until the DT/OE signal goes “high” and the serial access time
tSCA from the following serial clock is satisfied. This feature allows for the first bit of the new
row of data to appear on the serial output as soon as the last bit of the previous row has been
strobed without any timing loss. To make this continuous data flow possible, the rising edge
of DT/OE must be synchronized with RAS, CAS and the subsequent rising edge of SC (tRTH,
tCTH and tTSL/tTSD must be satisfied).
Write Transfer Operation
Write transfer cycle consists of loading the content of the SAM register into a selected row of the
RAM. If the SAM data to be transferred must first be loaded through the SAM, a pseudo write
transfer operation must precede the write transfer cycles. A write transfer is invoked by holding
CAS “high”, DT/OE “low”, WB/WE “low”, SE “low” at the falling edge of RAS. This write
transfer is selectively controlled per RAM I/O block by setting the mask data on the Wi/IOi
lines at the falling edge of RAS. The row address selected at the falling edge of RAS determines
the RAM row address into which the data will be transferred. The column address selected at
the falling edge of CAS determines the start address of the serial pointer of the SAM. After the
write transfer is completed, the SIO lines are set in the input mode so that serial data
synchronized with the SC clock can be loaded. When consecutive write transfer operation are
performed, new data must not be written into the serial register until the RAS cycle of the
preceding write transfer is completed. Consequently, the SC clock must be held at a constant
VIL or VIH during the RAS cycle. A rising edge of the SC clock is only allowed after the specified
delay tSRD from rising edge of the RAS, at which time a new row of data can be written in the
serial register.
Data transferred to SAM by read transfer cycle or split read transfer cycle can be written to other
address of RAM by write transfer cycle, however, the address to write data must be the same
as that of the read transfer cycle or the split read transfer cycle (row address AX8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com