Electronic Components Datasheet Search
  English  ▼

X  

AP65550 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP65550
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65550 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP65550 Datasheet HTML 8Page - Diodes Incorporated AP65550 Datasheet HTML 9Page - Diodes Incorporated AP65550 Datasheet HTML 10Page - Diodes Incorporated AP65550 Datasheet HTML 11Page - Diodes Incorporated AP65550 Datasheet HTML 12Page - Diodes Incorporated AP65550 Datasheet HTML 13Page - Diodes Incorporated AP65550 Datasheet HTML 14Page - Diodes Incorporated AP65550 Datasheet HTML 15Page - Diodes Incorporated AP65550 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP65550
Document number: DS36336 Rev. 5 - 2
12 of 16
www.diodes.com
January 2018
© Diodes Incorporated
AP65550
Application Information (Cont.)
PC Board Layout
1.
The AP65550 works at 5A load current, heat dissipation is a major concern in layout the PCB. A 2oz Copper in both top and bottom
layer is recommended.
2.
Provide sufficient vias in the thermal exposed pad for heat dissipate to the bottom layer.
3.
Provide sufficient vias in the Output capacitor PGND side to dissipate heat to the bottom layer.
4.
Make the bottom layer under the device as PGND layer for heat dissipation. The PGND layer should be as large as possible to provide
better thermal effect.
5.
Make the Vin capacitors as close to the device as possible.
6.
Make the VREG5 capacitor as close to the device as possible.
7.
The thermal pad of the device should be soldered directly to the PCB exposed copper plane to work as a heatsink. The thermal vias in
the exposed copper plane increase the heat transfer to the bottom layer.
Figure 7 PC Board Layout for SO-8EP
Figure 8 PC Board Layout for U-DFN3030-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com