Electronic Components Datasheet Search
  English  ▼

X  

AP65550 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP65550
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65550 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP65550 Datasheet HTML 1Page - Diodes Incorporated AP65550 Datasheet HTML 2Page - Diodes Incorporated AP65550 Datasheet HTML 3Page - Diodes Incorporated AP65550 Datasheet HTML 4Page - Diodes Incorporated AP65550 Datasheet HTML 5Page - Diodes Incorporated AP65550 Datasheet HTML 6Page - Diodes Incorporated AP65550 Datasheet HTML 7Page - Diodes Incorporated AP65550 Datasheet HTML 8Page - Diodes Incorporated AP65550 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP65550
Document number: DS36336 Rev. 5 - 2
2 of 16
www.diodes.com
January 2018
© Diodes Incorporated
AP65550
Typical Applications Circuit
AP65550
L1
1.5
μH
R1
8.25k
Ω
R2
22.1k
Ω
C5
0.1µF
C2
44
μF
C1
20
μF
C4
8.2nF
ON
OFF
VIN
SS
EN
VREG5
SW
BST
FB
C3
1µF
PGND
INPUT
OUTPUT
VOUT
1.05V
VIN
12V
Figure 1 Typical Application Circuit
Pin Descriptions
Pin
Name
Pin Number
Function
SO-8EP
U-DFN3030-10
EN
1
1
Enable input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on
the regulator, drive it low to turn off. Pull up with 100k
Ω resistor to VIN for automatic startup.
FB
2
2
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive
voltage divider connected to it from the output voltage.
VREG5
3
3
Internal power supply output pin to connect an additional capacitor. Connect a
1μF (typical)
capacitor as close as possible to the VREG5 and PGND. This pin is not active when EN is
low.
SS
4
5
Soft-start control input pin. SS controls the soft start period. Connect a capacitor from SS to
GND to set the soft-start period.
GND
5
6
Ground pin is the main power ground for the switching circuit.
SW
6
7, 8
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load. Note that a capacitor is required
from SW to BST to power the high-side switch.
BST
7
4
Bootstrap pin. A bootstrap capacitor is connected between the BST pin and SW pin. The
voltage across the bootstrap capacitor drives the internal high-
side NMOS switch. A 0.1μF
(typical) capacitor is required for proper operation.
VIN
8
9, 10
Supply input pin. A capacitor should be connected between the VIN pin and PGND pin to
keep the DC input voltage constant.
PGND
9
(Exposed
Pad)
11
(Exposed Pad)
Power ground. Exposed pad must be connected to a single point GND and as large of
PGND plane as possible for maximum thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com