Electronic Components Datasheet Search
  English  ▼

X  

AP65550 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP65550
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65550 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP65550 Datasheet HTML 1Page - Diodes Incorporated AP65550 Datasheet HTML 2Page - Diodes Incorporated AP65550 Datasheet HTML 3Page - Diodes Incorporated AP65550 Datasheet HTML 4Page - Diodes Incorporated AP65550 Datasheet HTML 5Page - Diodes Incorporated AP65550 Datasheet HTML 6Page - Diodes Incorporated AP65550 Datasheet HTML 7Page - Diodes Incorporated AP65550 Datasheet HTML 8Page - Diodes Incorporated AP65550 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP65550
Document number: DS36336 Rev. 5 - 2
3 of 16
www.diodes.com
January 2018
© Diodes Incorporated
AP65550
Functional Block Diagram
Internal
Reference
-
+
+
Digital Control
Logic
Ref
5V
SS
OCP
Min Off
Time
S
R
Q
+
Se
On Time
Compute
VIN
Q
One Shot
SW
Frequency
Lock Loop
Vcc
Regulator
SS
SW
UVLO
Logic
Control
5V
Soft Start
SS
EN
SS
FB
PGND
SW
BST
VREG5
VIN
GND
Figure 2 Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
Supply Voltage
-0.3 to 20
V
VVREG5
VREG5 Pin Voltage
-0.3V to +6.0
V
VSW
Switch Node Voltage
-1.0 to VIN +0.3
V
VBST
Bootstrap Voltage
-0.3 to VSW +6.0
V
VFB
Feedback Voltage
-0.3V to +6.0
V
VEN
Enable/UVLO Voltage
-0.3V to +6.0
V
VSS
Soft-start PIN
-0.3V to +6.0
V
VGND
GND Pin Voltage
-0.3 to 0.3
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+160
°C
TL
Lead Temperature
+260
°C
ESD Susceptibility (Note 5)
HBM
Human Body Model
2
kV
MM
Machine Model
200
V
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress
ratings only; functional operation of the device at these or any other conditions exceeding those indicated in this specification is not
implied. Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken
when handling and transporting these devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com