Electronic Components Datasheet Search
  English  ▼

X  

AP65550 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP65550
Description  ADAPTIVE COT STEP-DOWN CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65550 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP65550 Datasheet HTML 8Page - Diodes Incorporated AP65550 Datasheet HTML 9Page - Diodes Incorporated AP65550 Datasheet HTML 10Page - Diodes Incorporated AP65550 Datasheet HTML 11Page - Diodes Incorporated AP65550 Datasheet HTML 12Page - Diodes Incorporated AP65550 Datasheet HTML 13Page - Diodes Incorporated AP65550 Datasheet HTML 14Page - Diodes Incorporated AP65550 Datasheet HTML 15Page - Diodes Incorporated AP65550 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP65550
Document number: DS36336 Rev. 5 - 2
14 of 16
www.diodes.com
January 2018
© Diodes Incorporated
AP65550
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SO-8EP
U-DFN3030-10
1
b
e
9° ( Al
l side)
N
R 0
.1
7°
D
E0
E
L
Seating Plane
Gauge Plane
F
EXPOSED PAD
SO-8EP
Dim
Min
Max Typ
A
1.40 1.50 1.45
A1
0.00 0.13
-
b
0.30 0.50 0.40
C
0.15 0.25 0.20
D
4.85 4.95 4.90
E
3.80 3.90 3.85
E0
3.85 3.95 3.90
E1
5.90 6.10 6.00
e
-
-
1.27
F
2.75 3.35 3.05
H
2.11 2.71 2.41
L
0.62 0.82 0.72
N
-
-
0.35
Q
0.60 0.70 0.65
All Dimensions in mm
U-DFN3030-10
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3


0.15
b
0.20
0.30
0.25
D
2.90
3.10
3.00
D2
2.30
2.50
2.40
e


0.50
E
2.90
3.10
3.00
E2
1.50
1.70
1.60
L
0.25
0.55
0.40
z

 0.375
All Dimensions in mm
SEATING PLANE
A3
A
A1
Pin#1 ID
L
E E2
D
D2
b
e
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com