Electronic Components Datasheet Search
  English  ▼

X  

UP1817 Datasheet(PDF) 5 Page - uPI Group Inc.

Part # UP1817
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817 Datasheet(HTML) 5 Page - uPI Group Inc.

  UP1817 Datasheet HTML 1Page - uPI Group Inc. UP1817 Datasheet HTML 2Page - uPI Group Inc. UP1817 Datasheet HTML 3Page - uPI Group Inc. UP1817 Datasheet HTML 4Page - uPI Group Inc. UP1817 Datasheet HTML 5Page - uPI Group Inc. UP1817 Datasheet HTML 6Page - uPI Group Inc. UP1817 Datasheet HTML 7Page - uPI Group Inc. UP1817 Datasheet HTML 8Page - uPI Group Inc. UP1817 Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
uP1817
5
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
VCC
EN/VBOOT
VREF1
ALERT#
SVID command
don’t care
SVID Bus
Set VID
To addr.=00h
GetReg(10h)
To addr.=00h
Ta
Tb
Tc
0.32V
VREF0
To addr.=01h
(uP1817P,IMVP8 mode)
To addr.=02h
(uP1817Q,IMVP8 mode)
To addr.=05h
(VR12.1 mode)
Set VID
GetReg(10h)
To addr.=01h
(uP1817P,IMVP8 mode)
To addr.=02h
(uP1817Q,IMVP8 mode)
To addr.=05h
(VR12.1 mode)
Figure 2. Power On Sequence with Zero Vboot
Figure 3 shows the power on sequence of non-zero Vboot
case in VR12.1/IMVP8 mode. For the non-zero Vboot case,
the reference voltage outputs (VREF0 and VREF1) starts
to ramp up to the target Vboot at the end of Ta. The slewing
time is Tb, which is also determined by the sourcing current
and timing capacitor. Then ALERT# is asserted after
internally calculated time duration Tc. For VR12.1 mode,
the ALERT# is cleared after receiving GetReg(10h) to both
address 00h and 05h. For IMVP8 mode, the ALERT# is
cleared after receiving GetReg(10h) to both addresses 00h
and 01h (for uP1817P), and addresses 00h and 02h (for
uP1817Q). Address 02h(for uP1817P) is not involved in
the ALERT# assertion/de-assertion. The ALERT# assertion
time Tc is internally determined by the amount of VID voltage
change, slew rate and operation mode.
VCC
EN/VBOOT
VREF1
ALERT#
SVID command
don’t care
SVID Bus
Set VID
To addr.=00h
GetReg(10h)
To addr.=00h
Ta
Tb
Tc
Vboot
VREF0
GetReg(10h)
To addr.=00h
GetReg(10h)
To addr.=01h
(uP1817P,IMVP8 mode)
To addr.=02h
(uP1817Q,IMVP8 mode)
To addr.=05h
(VR12.1 mode)
Figure 3.Power On Sequence with Non-zero Vboot
SVID Interface
The uP1817 adopts Intel defined SVID interface for VREFx
output voltage control. SVID is a three wire (SVCLK, SVDIO,
ALERT#) serial synchronous interface used to transfer
power management information between a microprocessor
and several VRs on the same bus, and there is an
addressing scheme for the multiple slave devices. The
SVCLK is source synchronous from the CPU, and the CPU
drives the SVCLK signal with a low voltage open drain driver.
The master may shut down the SVCLK signal to save power
when no data transfer is needed. SVDIO is a low-voltage,
open-drain data signal that master and slaves use to transfer
information to each other. The bus will operate at a typical
frequency of 25MHz. The ALERT# line is an active low signal
driven asynchronously from the slave device, indicating VR
status to the master.
VID Voltage and VREF Output Voltage
The uP1817 receives SetVID command from the processor
to determine its VREF output voltage as shown in Table 3.
The uP1817 supports 16 steps of VREF output voltage,
ranging from 0.32V to 1.52V. The controller determines the
VREF output voltage according to the VID voltage range.
VID Transition
Upon receiving valid SetVID command, the output voltage
(VREF0/1) linearly ramps up/down to the target voltage
according to VID table. The voltage transition slewing time
is determined by the operation mode (VR12.1/IMVP8),
SetVID command, the corresponding VREFx sourcing
current and the timing capacitor. The ALERT# assertion
time is determined internally.
Digital Output Current Reporting (IMON)
IMON0 and IMON1 are used to gather the output current
information and report to the processor through the SVID
bus. Connect IMON0/1 pin to a voltage source which
voltage level is proportional to each VR output current for
output current reporting. Refer to Figure 4, the uP1817
converts V
IMONX into output current information by internal
A/D converter. An internal A/D converter (ADC) converts
V
IMON to a digital content for output current reporting through
SVID interface. As the total load current increases, the
voltage on IMONX pin (V
IMONX) increases proportionally. As
V
IMONX voltage increases, the SVID register 0x15h(output
current) content increases. The 8-bit ADC input range is
typically 2.56V with 10mV/LSB, which means the SVID
register 0x15h = FFh when V
IMON=2560mV. Further increase
of V
IMON (>2.56V) is allowed, but the ADC result will remain
at FFh and ALERT# remains high. The IMON reporting
function does not affect the ALERT# assertion.
IMON0
A/D
Converter
IMON1
VIMON0
VIMON1
Figure 4. Voltage Sense of Digital Output Current
Reporting (IMON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com