Electronic Components Datasheet Search
  English  ▼

X  

UP1817 Datasheet(PDF) 8 Page - uPI Group Inc.

Part # UP1817
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817 Datasheet(HTML) 8 Page - uPI Group Inc.

Back Button UP1817 Datasheet HTML 4Page - uPI Group Inc. UP1817 Datasheet HTML 5Page - uPI Group Inc. UP1817 Datasheet HTML 6Page - uPI Group Inc. UP1817 Datasheet HTML 7Page - uPI Group Inc. UP1817 Datasheet HTML 8Page - uPI Group Inc. UP1817 Datasheet HTML 9Page - uPI Group Inc. UP1817 Datasheet HTML 10Page - uPI Group Inc. UP1817 Datasheet HTML 11Page - uPI Group Inc. UP1817 Datasheet HTML 12Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
uP1817
8
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
Table 3. VR12.1 and IMVP8 VID (Cont.)
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
(
)
V
(
X
F
E
R
V
C
D
x
05
4
3
.
14
4
.
18
E
x
05
0
4
.
14
4
.
14
F
x
05
6
4
.
12
5
.
1
D
D
x
00
5
3
.
14
4
.
19
E
x
00
1
4
.
14
4
.
15
F
x
00
7
4
.
12
5
.
1
E
D
x
05
5
3
.
14
4
.
1A
E
x
05
1
4
.
14
4
.
16
F
x
05
7
4
.
12
5
.
1
F
D
x
00
6
3
.
14
4
.
1B
E
x
00
2
4
.
14
4
.
17
F
x
00
8
4
.
12
5
.
1
0
E
x
05
6
3
.
14
4
.
1C
E
x
05
2
4
.
12
5
.
18
F
x
05
8
4
.
12
5
.
1
1
E
x
00
7
3
.
14
4
.
1D
E
x
00
3
4
.
12
5
.
19
F
x
00
9
4
.
12
5
.
1
2
E
x
05
7
3
.
14
4
.
1E
E
x
05
3
4
.
12
5
.
1A
F
x
05
9
4
.
12
5
.
1
3
E
x
00
8
3
.
14
4
.
1F
E
x
00
4
4
.
12
5
.
1B
F
x
00
0
5
.
12
5
.
1
4
E
x
05
8
3
.
14
4
.
10
F
x
05
4
4
.
12
5
.
1C
F
x
05
0
5
.
12
5
.
1
5
E
x
00
9
3
.
14
4
.
11
F
x
00
5
4
.
12
5
.
1D
F
x
00
1
5
.
12
5
.
1
6
E
x
05
9
3
.
14
4
.
12
F
x
05
5
4
.
12
5
.
1E
F
x
05
1
5
.
12
5
.
1
7
E
x
00
0
4
.
14
4
.
13
F
x
00
6
4
.
12
5
.
1F
F
x
00
2
5
.
12
5
.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com