Electronic Components Datasheet Search
  English  ▼

X  

UP1817 Datasheet(PDF) 10 Page - uPI Group Inc.

Part # UP1817
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817 Datasheet(HTML) 10 Page - uPI Group Inc.

Back Button UP1817 Datasheet HTML 6Page - uPI Group Inc. UP1817 Datasheet HTML 7Page - uPI Group Inc. UP1817 Datasheet HTML 8Page - uPI Group Inc. UP1817 Datasheet HTML 9Page - uPI Group Inc. UP1817 Datasheet HTML 10Page - uPI Group Inc. UP1817 Datasheet HTML 11Page - uPI Group Inc. UP1817 Datasheet HTML 12Page - uPI Group Inc. UP1817 Datasheet HTML 13Page - uPI Group Inc. UP1817 Datasheet HTML 14Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
uP1817
10
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
Table 4. Supported Data and Configuration Registers (uP1817P, Cont.)
x
e
d
n
I
r
e
t
s
i
g
e
R
e
m
a
N
s
s
e
c
c
A
8
P
V
M
I
c
e
p
S
e
n
i
f
e
D
r
d
d
a
R
V
h
0
0
=
)
e
r
o
c
V
(
r
d
d
a
R
V
h
1
0
=
)
T
G
c
c
V
(
=
r
d
d
a
R
V
,
a
s
c
c
V
(
h
2
0
)
2
e
t
o
N
e
e
s
1
.
2
1
R
V
c
e
p
S
e
n
i
f
e
D
r
d
d
a
R
V
h
0
0
=
)
C
C
V
(
r
d
d
a
R
V
h
5
0
=
)
G
G
V
(
t
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
h
0
3X
A
M
t
u
o
Vr
e
t
s
a
m
W
RX
h
B
Fh
B
Fh
B
FX
h
B
Fh
B
F
h
1
3D
I
Vr
e
t
s
a
m
W
RX
s
d
n
e
p
e
D
D
I
V
t
e
S
n
o
d
n
a
m
m
o
C
s
d
n
e
p
e
D
D
I
V
t
e
S
n
o
d
n
a
m
m
o
C
h
7
9X
s
d
n
e
p
e
D
D
I
V
t
e
S
n
o
d
n
a
m
m
o
C
s
d
n
e
p
e
D
D
I
V
t
e
S
n
o
d
n
a
m
m
o
C
h
2
3
r
e
w
o
P
e
t
a
t
S
r
e
t
s
a
M
W
R
M
W
P
W
Xh
0
0h
0
0h
0
0X
h
0
0h
0
0
h
3
3t
e
s
f
f
Or
e
t
s
a
M
W
RX
h
0
0h
0
0h
0
0X
h
0
0h
0
0
h
4
3
R
V
_
i
t
l
u
M
g
i
f
n
o
c
r
e
t
s
a
M
W
RX
h
1
0h
1
0h
1
0X
h
1
0h
1
0
h
5
3R
D
D
A
g
e
Rr
e
t
s
a
M
W
RO
h
0
0h
0
0W
/
R
w
o
ll
aO
h
0
0h
0
0
h
2
4V
-
1
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
h
3
4I
-
1
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
h
4
4V
-
2
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
h
5
4I
-
2
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
h
6
4V
-
3
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
h
7
4I
-
3
D
I
V
IW
/
RX
h
F
Fh
F
Fh
F
FN
h
F
Fh
F
F
Note1: O: Optional
X: Required
N: Not Supported
Note2: No physical reference voltage output, SVID command response only. In IMVP8 mode, VR address 02h does
not affect ALERT# assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com