Electronic Components Datasheet Search
  English  ▼

X  

UP1817 Datasheet(PDF) 6 Page - uPI Group Inc.

Part # UP1817
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817 Datasheet(HTML) 6 Page - uPI Group Inc.

Back Button UP1817 Datasheet HTML 2Page - uPI Group Inc. UP1817 Datasheet HTML 3Page - uPI Group Inc. UP1817 Datasheet HTML 4Page - uPI Group Inc. UP1817 Datasheet HTML 5Page - uPI Group Inc. UP1817 Datasheet HTML 6Page - uPI Group Inc. UP1817 Datasheet HTML 7Page - uPI Group Inc. UP1817 Datasheet HTML 8Page - uPI Group Inc. UP1817 Datasheet HTML 9Page - uPI Group Inc. UP1817 Datasheet HTML 10Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
uP1817
6
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
Table 3. VR12.1 and IMVP8 VID
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
(
)
V
(
X
F
E
R
V
0
0
x
00
0
0
.
02
3
.
05
2
x
00
3
4
.
08
4
.
0A
4
x
05
1
6
.
04
6
.
0
1
0
x
00
5
2
.
02
3
.
06
2
x
05
3
4
.
08
4
.
0B
4
x
00
2
6
.
04
6
.
0
2
0
x
05
5
2
.
02
3
.
07
2
x
00
4
4
.
08
4
.
0C
4
x
05
2
6
.
02
7
.
0
3
0
x
00
6
2
.
02
3
.
08
2
x
05
4
4
.
08
4
.
0D
4
x
00
3
6
.
02
7
.
0
4
0
x
05
6
2
.
02
3
.
09
2
x
00
5
4
.
08
4
.
0E
4
x
05
3
6
.
02
7
.
0
5
0
x
00
7
2
.
02
3
.
0A
2
x
05
5
4
.
08
4
.
0F
4
x
00
4
6
.
02
7
.
0
6
0
x
05
7
2
.
02
3
.
0B
2
x
00
6
4
.
08
4
.
00
5
x
05
4
6
.
02
7
.
0
7
0
x
00
8
2
.
02
3
.
0C
2
x
05
6
4
.
06
5
.
01
5
x
00
5
6
.
02
7
.
0
8
0
x
05
8
2
.
02
3
.
0D
2
x
00
7
4
.
06
5
.
02
5
x
05
5
6
.
02
7
.
0
9
0
x
00
9
2
.
02
3
.
0E
2
x
05
7
4
.
06
5
.
03
5
x
00
6
6
.
02
7
.
0
A
0
x
05
9
2
.
02
3
.
0F
2
x
00
8
4
.
06
5
.
04
5
x
05
6
6
.
02
7
.
0
B
0
x
00
0
3
.
02
3
.
00
3
x
05
8
4
.
06
5
.
05
5
x
00
7
6
.
02
7
.
0
C
0
x
05
0
3
.
00
4
.
01
3
x
00
9
4
.
06
5
.
06
5
x
05
7
6
.
02
7
.
0
D
0
x
00
1
3
.
00
4
.
02
3
x
05
9
4
.
06
5
.
07
5
x
00
8
6
.
02
7
.
0
E
0
x
05
1
3
.
00
4
.
03
3
x
00
0
5
.
06
5
.
08
5
x
05
8
6
.
02
7
.
0
F
0
x
00
2
3
.
00
4
.
04
3
x
05
0
5
.
06
5
.
09
5
x
00
9
6
.
02
7
.
0
0
1
x
05
2
3
.
00
4
.
05
3
x
00
1
5
.
06
5
.
0A
5
x
05
9
6
.
02
7
.
0
1
1
x
00
3
3
.
00
4
.
06
3
x
05
1
5
.
06
5
.
0B
5
x
00
0
7
.
02
7
.
0
2
1
x
05
3
3
.
00
4
.
07
3
x
00
2
5
.
06
5
.
0C
5
x
05
0
7
.
00
8
.
0
3
1
x
00
4
3
.
00
4
.
08
3
x
05
2
5
.
06
5
.
0D
5
x
00
1
7
.
00
8
.
0
4
1
x
05
4
3
.
00
4
.
09
3
x
00
3
5
.
06
5
.
0E
5
x
05
1
7
.
00
8
.
0
5
1
x
00
5
3
.
00
4
.
0A
3
x
05
3
5
.
06
5
.
0F
5
x
00
2
7
.
00
8
.
0
6
1
x
05
5
3
.
00
4
.
0B
3
x
00
4
5
.
06
5
.
00
6
x
05
2
7
.
00
8
.
0
7
1
x
00
6
3
.
00
4
.
0C
3
x
05
4
5
.
04
6
.
01
6
x
00
3
7
.
00
8
.
0
8
1
x
05
6
3
.
00
4
.
0D
3
x
00
5
5
.
04
6
.
02
6
x
05
3
7
.
00
8
.
0
9
1
x
00
7
3
.
00
4
.
0E
3
x
05
5
5
.
04
6
.
03
6
x
00
4
7
.
00
8
.
0
A
1
x
05
7
3
.
00
4
.
0F
3
x
00
6
5
.
04
6
.
04
6
x
05
4
7
.
00
8
.
0
B
1
x
00
8
3
.
00
4
.
00
4
x
05
6
5
.
04
6
.
05
6
x
00
5
7
.
00
8
.
0
C
1
x
05
8
3
.
08
4
.
01
4
x
00
7
5
.
04
6
.
06
6
x
05
5
7
.
00
8
.
0
D
1
x
00
9
3
.
08
4
.
02
4
x
05
7
5
.
04
6
.
07
6
x
00
6
7
.
00
8
.
0
E
1
x
05
9
3
.
08
4
.
03
4
x
00
8
5
.
04
6
.
08
6
x
05
6
7
.
00
8
.
0
F
1
x
00
0
4
.
08
4
.
04
4
x
05
8
5
.
04
6
.
09
6
x
00
7
7
.
00
8
.
0
0
2
x
05
0
4
.
08
4
.
05
4
x
00
9
5
.
04
6
.
0A
6
x
05
7
7
.
00
8
.
0
1
2
x
00
1
4
.
08
4
.
06
4
x
05
9
5
.
04
6
.
0B
6
x
00
8
7
.
00
8
.
0
2
2
x
05
1
4
.
08
4
.
07
4
x
00
0
6
.
04
6
.
0C
6
x
05
8
7
.
08
8
.
0
3
2
x
00
2
4
.
08
4
.
08
4
x
05
0
6
.
04
6
.
0D
6
x
00
9
7
.
08
8
.
0
4
2
x
05
2
4
.
08
4
.
09
4
x
00
1
6
.
04
6
.
0E
6
x
05
9
7
.
08
8
.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com