Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 49 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 49 Page - NEC

Back Button 78K Datasheet HTML 45Page - NEC 78K Datasheet HTML 46Page - NEC 78K Datasheet HTML 47Page - NEC 78K Datasheet HTML 48Page - NEC 78K Datasheet HTML 49Page - NEC 78K Datasheet HTML 50Page - NEC 78K Datasheet HTML 51Page - NEC 78K Datasheet HTML 52Page - NEC 78K Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 129 page
background image
49
CHAPTER 5 EXPLANATION OF INSTRUCTIONS
User's Manual U12326EJ4V0UM
Move
MOV
Byte Data Transfer
[Instruction format]
MOV dst, src
[Operation]
dst
← src
[Operand]
Mnemonic
Operand(dst,src)
Mnemonic
Operand(dst,src)
MOV
r, #byte
MOV
A, PSW
saddr, #byte
PSW, A
sfr, #byte
A, [DE]
A, r
Note
[DE], A
r, A
Note
A, [HL]
A, saddr
[HL], A
saddr, A
A, [HL+byte]
A, sfr
[HL+byte], A
sfr, A
A, [HL+B]
A, !addr16
[HL+B], A
!addr16, A
A, [HL+C]
PSW, #byte
[HL+C], A
Note Except r = A
[Flag]
PSW, #byte and PSW,
All other operand
A operands
combinations
Z
AC
CY
Z
AC
CY
×××
[Description]
•
The contents of the source operand (src) specified by the 2nd operand are transferred to the destination
operand (dst) specified by the 1st operand.
•
No interrupts are acknowledged between the MOV PSW, #byte instruction/MOV PSW, A instruction and the
next instruction.
[Description example]
MOV A, #4DH; 4DH is transferred to the A register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com