Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 9 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 9 Page - NEC

Back Button 78K Datasheet HTML 5Page - NEC 78K Datasheet HTML 6Page - NEC 78K Datasheet HTML 7Page - NEC 78K Datasheet HTML 8Page - NEC 78K Datasheet HTML 9Page - NEC 78K Datasheet HTML 10Page - NEC 78K Datasheet HTML 11Page - NEC 78K Datasheet HTML 12Page - NEC 78K Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 129 page
background image
9
User's Manual U12326EJ4V0UM
CONTENTS
CHAPTER 1 MEMORY SPACE ............................................................................................................... 12
1.1
Memory Spaces ................................................................................................................12
1.2
Internal Program Memory (Internal ROM) Space .......................................................... 12
1.3
Vector Table Area ............................................................................................................. 12
1.4
CALLT Instruction Table Area ......................................................................................... 12
1.5
CALLF Instruction Entry Area ......................................................................................... 12
1.6
Internal Data Memory (Internal RAM) Space .................................................................. 12
1.7
Special Function Register (SFR) Area ............................................................................ 13
1.8
External Memory Space ................................................................................................... 13
1.9
IEBusTM Register Area ...................................................................................................... 13
CHAPTER 2 REGISTERS ........................................................................................................................ 14
2.1
Control Registers ............................................................................................................. 14
2.1.1
Program counter (PC) ......................................................................................................... 14
2.1.2
Program status word (PSW) ............................................................................................... 14
2.1.3
Stack pointer (SP) ................................................................................................................ 16
2.2
General-Purpose Registers ............................................................................................. 17
2.3
Special Function Registers (SFRs) ................................................................................. 19
CHAPTER 3 ADDRESSING ..................................................................................................................... 20
3.1
Instruction Address Addressing ..................................................................................... 20
3.1.1
Relative addressing ............................................................................................................. 20
3.1.2
Immediate addressing ......................................................................................................... 21
3.1.3
Table indirect addressing ................................................................................................... 22
3.1.4
Register addressing ............................................................................................................ 23
3.2
Operand Address Addressing ........................................................................................ 24
3.2.1
Implied addressing .............................................................................................................. 24
3.2.2
Register addressing ............................................................................................................ 25
3.2.3
Direct addressing ................................................................................................................ 26
3.2.4
Short direct addressing ...................................................................................................... 27
3.2.5
Special-function register (SFR) addressing ...................................................................... 28
3.2.6
Register indirect addressing .............................................................................................. 29
3.2.7
Based addressing ................................................................................................................ 30
3.2.8
Based indexed addressing ................................................................................................. 30
3.2.9
Stack addressing ................................................................................................................. 31
CHAPTER 4 INSTRUCTION SET ............................................................................................................ 32
4.1
Operation ..........................................................................................................................32
4.1.1
Operand identifiers and description methods .................................................................. 32
4.1.2
Description of “operation” column .................................................................................... 33
4.1.3
Description of “flag operation” column ............................................................................ 33
4.1.4
Description of number of clocks ........................................................................................ 34
4.1.5
Instructions listed by addressing type .............................................................................. 34
4.2
Instruction Codes ............................................................................................................. 38
4.2.1
Description of instruction code table ................................................................................ 38
4.2.2
Instruction code list ............................................................................................................. 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com