Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 71 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 71 Page - NEC

Back Button 78K Datasheet HTML 67Page - NEC 78K Datasheet HTML 68Page - NEC 78K Datasheet HTML 69Page - NEC 78K Datasheet HTML 70Page - NEC 78K Datasheet HTML 71Page - NEC 78K Datasheet HTML 72Page - NEC 78K Datasheet HTML 73Page - NEC 78K Datasheet HTML 74Page - NEC 78K Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 129 page
background image
71
CHAPTER 5 EXPLANATION OF INSTRUCTIONS
User's Manual U12326EJ4V0UM
Increment
INC
Byte Data Increment
[Instruction format]
INC dst
[Operation]
dst
← dst + 1
[Operand]
Mnemonic
Operand(dst)
INC
r
saddr
[Flag]
ZAC
CY
××
[Description]
•
The destination operand (dst) contents are incremented by only one.
•
If the increment result is 0, the Z flag is set (1). In all other cases, the Z flag is cleared (0).
•
If the increment generates a carry for bit 4 out of bit 3, the AC flag is set (1). In all other cases, the AC flag
is cleared (0).
•
Because this instruction is frequently used for increment of a counter for repeated operations and an indexed
addressing offset register, the CY flag contents are not changed (to hold the CY flag contents in multiple-
byte operation).
[Description example]
INC B; The B register is incremented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com