Electronic Components Datasheet Search
  English  ▼

X  

78K Datasheet(PDF) 84 Page - NEC

Part # 78K
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78K Datasheet(HTML) 84 Page - NEC

Back Button 78K Datasheet HTML 80Page - NEC 78K Datasheet HTML 81Page - NEC 78K Datasheet HTML 82Page - NEC 78K Datasheet HTML 83Page - NEC 78K Datasheet HTML 84Page - NEC 78K Datasheet HTML 85Page - NEC 78K Datasheet HTML 86Page - NEC 78K Datasheet HTML 87Page - NEC 78K Datasheet HTML 88Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 129 page
background image
84
CHAPTER 5 EXPLANATION OF INSTRUCTIONS
User's Manual U12326EJ4V0UM
Decimal Adjust Register for Subtraction
ADJBS
Decimal Adjustment of Subtraction Result
[Instruction format]
ADJBS
[Operation]
Decimal Adjust Accumulator for Subtraction
[Operand]
None
[Flag]
ZAC
CY
×××
[Description]
•
The A register, CY flag and AC flag are decimally adjusted from their contents. This instruction carries out
an operation having meaning only when the BCD (binary coded decimal) data is subtracted and the
subtraction result is stored in the A register (in all other cases, the instruction carries out an operation having
no meaning).
See the table below for the adjustment method.
•
If the adjustment result shows that the A register contents are 0, the Z flag is set (1). In all other cases,
the Z flag is cleared (0).
Condition
Operation
AC = 0
CY = 0
A
← A, CY ← 0, AC ← 0
CY = 1
A
← A–01100000B, CY ← 1, AC ← 0
AC = 1
CY = 0
A
← A–00000110B, CY ← 0, AC ← 0
CY = 1
A
← A–01100110B, CY ← 1, AC ← 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com