Electronic Components Datasheet Search
  English  ▼

X  

78098 Datasheet(PDF) 29 Page - NEC

Part # 78098
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78098 Datasheet(HTML) 29 Page - NEC

Back Button 78098 Datasheet HTML 25Page - NEC 78098 Datasheet HTML 26Page - NEC 78098 Datasheet HTML 27Page - NEC 78098 Datasheet HTML 28Page - NEC 78098 Datasheet HTML 29Page - NEC 78098 Datasheet HTML 30Page - NEC 78098 Datasheet HTML 31Page - NEC 78098 Datasheet HTML 32Page - NEC 78098 Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 129 page
background image
29
CHAPTER 3 ADDRESSING
User's Manual U12326EJ4V0UM
15
0
8
D
7
E
0
7
7
0
A
DE
Memory
Memory address specified
by register pair DE
Contents of memory to be
addressed are transferred
3.2.6 Register indirect addressing
[Function]
Register indirect addressing addresses memory with register pair contents specified as an operand. The
register pair to be accessed is specified by the register bank selection flags (RBS0 and RBS1) and the
register pair specification in instruction codes.
[Operand format]
Identifier
Description
—
[DE], [HL]
[Description example]
MOV A, [DE]; When selecting register pair [DE]
Instruction code
10000101
[Illustration]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com