Electronic Components Datasheet Search
  English  ▼

X  

78098 Datasheet(PDF) 33 Page - NEC

Part # 78098
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78098 Datasheet(HTML) 33 Page - NEC

Back Button 78098 Datasheet HTML 29Page - NEC 78098 Datasheet HTML 30Page - NEC 78098 Datasheet HTML 31Page - NEC 78098 Datasheet HTML 32Page - NEC 78098 Datasheet HTML 33Page - NEC 78098 Datasheet HTML 34Page - NEC 78098 Datasheet HTML 35Page - NEC 78098 Datasheet HTML 36Page - NEC 78098 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 129 page
background image
33
CHAPTER 4 INSTRUCTION SET
User's Manual U12326EJ4V0UM
4.1.2 Description of “operation” column
A:
A register; 8-bit accumulator
X:
X register
B:
B register
C:
C register
D:
D register
E:
E register
H:
H register
L:
L register
AX:
AX register pair; 16-bit accumulator
BC:
BC register pair
DE:
DE register pair
HL:
HL register pair
PC:
Program counter
SP:
Stack pointer
PSW:
Program status word
CY:
Carry flag
AC:
Auxiliary carry flag
Z:
Zero flag
RBS:
Register bank select flag
IE:
Interrupt request enable flag
NMIS:
Flag indicating non-maskable interrupt servicing in progress
( ):
Memory contents indicated by address or register contents in parentheses
XH, XL: Higher 8 bits and lower 8 bits of 16-bit register
:
Logical product (AND)
V:
Logical sum (OR)
V:
Exclusive logical sum (exclusive OR)
—:
Inverted data
addr16: 16-bit immediate data or label
jdisp8:
Signed 8-bit data (displacement value)
4.1.3 Description of “flag operation” column
(Blank): Unchanged
0:
Cleared to 0
1:
Set to 1
×:
Set/cleared according to the result
R:
Previously saved value is restored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com