Electronic Components Datasheet Search
  English  ▼

X  

78098 Datasheet(PDF) 80 Page - NEC

Part # 78098
Description  Common to 78K/0 Series
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

78098 Datasheet(HTML) 80 Page - NEC

Back Button 78098 Datasheet HTML 76Page - NEC 78098 Datasheet HTML 77Page - NEC 78098 Datasheet HTML 78Page - NEC 78098 Datasheet HTML 79Page - NEC 78098 Datasheet HTML 80Page - NEC 78098 Datasheet HTML 81Page - NEC 78098 Datasheet HTML 82Page - NEC 78098 Datasheet HTML 83Page - NEC 78098 Datasheet HTML 84Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 129 page
background image
80
CHAPTER 5 EXPLANATION OF INSTRUCTIONS
User's Manual U12326EJ4V0UM
Rotate Right Digit
ROR4
Digit Rotation to the Right
[Instruction format]
ROR4 dst
[Operation]
A3-0
← (dst)3-0, (dst)7-4 ← A3-0, (dst)3-0 ← (dst)7-4
[Operand]
Mnemonic
Operand(dst)
ROR4
[HL]
Note
Note Specify an area other than the SFR area as operand [HL].
[Flag]
ZAC
CY
[Description]
•
The lower 4 bits of the A register and the 2-digit data (4-bit data) of the destination operand (dst) are rotated
to the right.
The higher 4 bits of the A register remain unchanged.
[Description example]
ROR4 [HL]; Rightward digit rotation is executed with the memory contents specified by the A and HL registers.
A
(HL)
74
30
74
30
Before Execution
1010
0011
1100
0101
After Execution
1010
0101
0011
1100
0
0
3
4
7
dst
3
4
7
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com